Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYH50N65C3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYH50N65C3
Description  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH50N65C3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYH50N65C3 Datasheet HTML 1Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 2Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 3Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 4Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 5Page - IXYS Corporation IXYH50N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYA50N65C3 IXYP50N65C3
IXYH50N65C3
IXYS REF: IXY_50N65C3D1(5D) 9-03-14
Fig. 20. Inductive Turn-on Switching Times vs.
Collector Current
0
20
40
60
80
100
120
15
20
25
30
35
40
45
50
55
60
65
70
75
IC (A)
13
16
19
22
25
28
31
t r i
td(on) - - - -
RG = 5Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 21. Inductive Turn-on Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
25
50
75
100
125
150
TJ (ºC)
18
19
20
21
22
23
24
25
t r i
td(on) - - - -
RG = 5Ω , VGE = 15V
VCE = 400V
I C = 72A
I C = 36A
Fig. 19. Inductive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
160
180
5
10
1520
2530
3540
4550
55
RG (Ω)
0
10
20
30
40
50
60
70
80
90
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 36A
I C = 72A
Fig. 22. Maximum Peak Load Current vs. Frequency
10
20
30
40
50
60
70
80
90
100
10
100
1000
fmax (kH)
TJ = 150ºC
TC = 75ºC
VCE = 400V
VGE = 15V
RG = 5Ω
Duty Cycle = 0.5
Square Wave
Triangular Wave


Similar Part No. - IXYH50N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH50N65C3 IXYS-IXYH50N65C3 Datasheet
269Kb / 6P
   Preliminary Technical Information
IXYH50N65C3 IXYS-IXYH50N65C3 Datasheet
269Kb / 6P
   Preliminary Technical Information
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results

Similar Description - IXYH50N65C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com