Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYH40N120C3D1 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYH40N120C3D1
Description  1200V XPTTM IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH40N120C3D1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYH40N120C3D1 Datasheet HTML 1Page - IXYS Corporation IXYH40N120C3D1 Datasheet HTML 2Page - IXYS Corporation IXYH40N120C3D1 Datasheet HTML 3Page - IXYS Corporation IXYH40N120C3D1 Datasheet HTML 4Page - IXYS Corporation IXYH40N120C3D1 Datasheet HTML 5Page - IXYS Corporation IXYH40N120C3D1 Datasheet HTML 6Page - IXYS Corporation IXYH40N120C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYH40N120C3D1
Fig. 21. Maximum Transient Thermal Impedance (Diode)
0.0001
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
0
20
40
60
80
100
120
140
160
180
200
20
30
40
50
60
70
80
IC - Amperes
9
12
15
18
21
24
27
30
33
36
39
t r i
td(on)
RG = 10Ω, VGE = 15V
VCE = 600V
TJ = 25ºC
TJ = 150ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
0
40
80
120
160
200
240
280
25
50
75
100
125
150
TJ - Degrees Centigrade
12
16
20
24
28
32
36
40
t r i
td(on)
RG = 10Ω, VGE = 15V
VCE = 600V
I C = 80A
I C = 40A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
50
100
150
200
250
300
350
400
10
15
20
25
30
35
40
45
50
55
RG - Ohms
10
20
30
40
50
60
70
80
90
t r i
td(on)
TJ = 150ºC, VGE = 15V
VCE = 600V
I C = 40A
I C = 80A
IXYS REF: IXY_40N120C3(4A-Z92) 5-09-16-A


Similar Part No. - IXYH40N120C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH40N120C3 IXYS-IXYH40N120C3 Datasheet
173Kb / 6P
   1200V XPT IGBT GenX3
More results

Similar Description - IXYH40N120C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYJ20N120C3D1 IXYS-IXYJ20N120C3D1 Datasheet
224Kb / 7P
   1200V XPTTM IGBT
IXYR100N120C3 IXYS-IXYR100N120C3 Datasheet
177Kb / 6P
   1200V XPTTM IGBT
IXYT20N120C3D1HV IXYS-IXYT20N120C3D1HV Datasheet
228Kb / 7P
   1200V XPTTM IGBT
IXYH40N120B3 IXYS-IXYH40N120B3 Datasheet
177Kb / 6P
   1200V XPTTM IGBT
IXYB82N120C3H1 IXYS-IXYB82N120C3H1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYH40N120B3D1 IXYS-IXYH40N120B3D1 Datasheet
193Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYR50N120C3D1 IXYS-IXYR50N120C3D1 Datasheet
197Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
214Kb / 6P
   1200V XPTTM IGBTs GenX3TM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com