Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYH40N65C3D1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYH40N65C3D1
Description  Advance Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH40N65C3D1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYH40N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYH40N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYH40N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYH40N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYH40N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYH40N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYH40N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
15
20
25
30
35
40
45
50
55
RG (Ω)
0
1
2
3
4
5
6
7
8
9
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
10
20
30
40
50
60
70
80
90
10
15
20
25
30
35
40
45
50
55
RG (Ω)
80
120
160
200
240
280
320
360
400
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 60A
I C = 30A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.4
0.8
1.2
1.6
2.0
15
20
25
30
35
40
45
50
55
60
IC (A)
0
1
2
3
4
5
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
50
75
100
125
150
TJ (ºC)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Eoff
Eon - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
IC = 30A
I C = 60A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
0
10
20
30
40
50
60
70
80
15
20
25
30
35
40
45
50
55
60
IC (A)
40
60
80
100
120
140
160
180
200
t f i
td(off) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
10
20
30
40
50
60
70
80
25
50
75
100
125
150
TJ (ºC)
80
90
100
110
120
130
140
150
t f i
td(off) - - - -
RG = 10Ω , VGE = 15V
VCE = 400V
I C = 30A, 60A
IXYH40N65C3D1
IXYQ40N65C3D1


Similar Part No. - IXYH40N65C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH40N65C3D1 IXYS-IXYH40N65C3D1 Datasheet
196Kb / 7P
   Advance Technical Information
More results

Similar Description - IXYH40N65C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com