Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD34DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD34DR
Description  SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD34DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD34DR Datasheet HTML 7Page - Texas Instruments SN65HVD34DR Datasheet HTML 8Page - Texas Instruments SN65HVD34DR Datasheet HTML 9Page - Texas Instruments SN65HVD34DR Datasheet HTML 10Page - Texas Instruments SN65HVD34DR Datasheet HTML 11Page - Texas Instruments SN65HVD34DR Datasheet HTML 12Page - Texas Instruments SN65HVD34DR Datasheet HTML 13Page - Texas Instruments SN65HVD34DR Datasheet HTML 14Page - Texas Instruments SN65HVD34DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
30
35
40
45
50
55
60
0
0.2
0.4
0.6
0.8
1
SignalingRate-Mbps
T =25°CR =54
=V
C =50pF
DE=V
A
L
CC
L
CC
W
RE
V
=3.3V
CC
–200
–150
–100
–50
50
0
100
150
200
250
–7
–4
–1
2
5
8
11
14
V -BusInputVoltage-V
I
T
=25°C
=0V
DE=0V
A
RE
V
=3.3V
CC
30
35
40
45
50
55
60
0
1
2
3
4
5
SignalingRate-Mbps
T =25°CR =54
=V
C =50pF
DE=V
A
L
CC
L
CC
W
RE
V
=3.3V
CC
30
35
40
45
50
55
0
5
10
15
20
25
SignalingRate-Mbps
T =25°CR =54
=V
C =50pF
DE=V
A
L
CC
L
CC
W
RE
V
=3.3V
CC
SN65HVD30, SN65HVD31, SN65HVD32
SN65HVD33, SN65HVD34, SN65HVD35
www.ti.com
SLLS665K – SEPTEMBER 2005 – REVISED OCTOBER 2015
7.11 Dissipation Ratings
JEDEC THERMAL
TA < 25°C
DERATING FACTOR
TA = 85°C
TA = 105°C
TA = 125°C
PACKAGE
ABOVE TA = 25°C
RATING
RATING
RATING
MODEL
RATING
Low k
625 mW
5 mW/°C
325 mW
8-pin D (SOIC)
High k
1000 mW
8 mW/°C
520 mW
360 mW
Low k
765 mW
6.1 mW/°C
400 mW
275 mW
14-pin D (SOIC)
High k
1350 mW
10.8 mW/°C
705 mW
485 mW
270 mW
20-pin RHL
High k
1710 mW
13.7 mW/°C
890 mW
6150 mW
340 mW
(VQFN)
7.12 Typical Characteristics
Figure 1. SN65HVD30, SN65HVD33
Figure 2. SN65HVD31, SN65HVD34
RMS Supply Current vs Signaling Rate
RMS Supply Current vs Signaling Rate
Figure 4. SN65HVD30, SN65HVD33
Figure 3. SN65HVD32, SN65HVD35
Bus Input Current vs Input Voltage
RMS Supply Current vs Signaling Rate
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD30 SN65HVD31 SN65HVD32 SN65HVD33 SN65HVD34 SN65HVD35


Similar Part No. - SN65HVD34DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD34DR TI-SN65HVD34DR Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34DR TI-SN65HVD34DR Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34DRG4 TI-SN65HVD34DRG4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34DRG4 TI-SN65HVD34DRG4 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD34DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com