Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD33RHLT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD33RHLT
Description  SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD33RHLT Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD33RHLT Datasheet HTML 1Page - Texas Instruments SN65HVD33RHLT Datasheet HTML 2Page - Texas Instruments SN65HVD33RHLT Datasheet HTML 3Page - Texas Instruments SN65HVD33RHLT Datasheet HTML 4Page - Texas Instruments SN65HVD33RHLT Datasheet HTML 5Page - Texas Instruments SN65HVD33RHLT Datasheet HTML 6Page - Texas Instruments SN65HVD33RHLT Datasheet HTML 7Page - Texas Instruments SN65HVD33RHLT Datasheet HTML 8Page - Texas Instruments SN65HVD33RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
SN65HVD30, SN65HVD31, SN65HVD32
SN65HVD33, SN65HVD34, SN65HVD35
SLLS665K – SEPTEMBER 2005 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 18
9.1
Overview ................................................................. 18
2
Applications ........................................................... 1
9.2
Functional Block Diagram ....................................... 18
3
Description ............................................................. 1
9.3
Feature Description................................................. 18
4
Revision History..................................................... 2
9.4
Device Functional Modes........................................ 22
5
Device Comparison ............................................... 3
10
Application and Implementation........................ 24
6
Pin Configuration and Functions ......................... 4
10.1
Application Information.......................................... 24
7
Specifications......................................................... 5
10.2
Typical Application ............................................... 24
7.1
Absolute Maximum Ratings ...................................... 5
11
Power Supply Recommendations ..................... 28
7.2
ESD Ratings.............................................................. 5
12
Layout................................................................... 28
7.3
Recommended Operating Conditions ....................... 6
12.1
Layout Guidelines ................................................. 28
7.4
Thermal Information .................................................. 6
12.2
Layout Example .................................................... 28
7.5
Electrical Characteristics: Driver ............................... 7
13
Device and Documentation Support ................. 29
7.6
Electrical Characteristics: Receiver .......................... 8
13.1
Third-Party Products Disclaimer ........................... 29
7.7
Device Power Dissipation – PD ................................ 8
13.2
Related Links ........................................................ 29
7.8
Supply Current Characteristics ................................. 9
13.3
Community Resources.......................................... 29
7.9
Switching Characteristics: Driver .............................. 9
13.4
Trademarks ........................................................... 29
7.10
Switching Characteristics: Receiver...................... 10
13.5
Electrostatic Discharge Caution ............................ 29
7.11
Dissipation Ratings ............................................... 11
13.6
Glossary ................................................................ 29
7.12
Typical Characteristics .......................................... 11
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information ................ 14
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (July 2015) to Revision K
Page
Changed device listing in the Device Information table to match the Package Option Addendum listing. ........................... 1
Changed device listing in the Pinout Configuration section to match the Package Option Addendum listing....................... 4
Changed device listing in the Thermal Information table to match the Package Option Addendum listing........................... 6
Changes from Revision I (April 2010) to Revision J
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD30 SN65HVD31 SN65HVD32 SN65HVD33 SN65HVD34 SN65HVD35


Similar Part No. - SN65HVD33RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD33 TI-SN65HVD33 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD33 TI-SN65HVD33 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD33 TI-SN65HVD33 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD33 TI1-SN65HVD33 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD33-EP TI1-SN65HVD33-EP Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
More results

Similar Description - SN65HVD33RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com