Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3073E Datasheet(PDF) 27 Page - Texas Instruments

Part # MAX3073E
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3073E Datasheet(HTML) 27 Page - Texas Instruments

Back Button MAX3073E Datasheet HTML 23Page - Texas Instruments MAX3073E Datasheet HTML 24Page - Texas Instruments MAX3073E Datasheet HTML 25Page - Texas Instruments MAX3073E Datasheet HTML 26Page - Texas Instruments MAX3073E Datasheet HTML 27Page - Texas Instruments MAX3073E Datasheet HTML 28Page - Texas Instruments MAX3073E Datasheet HTML 29Page - Texas Instruments MAX3073E Datasheet HTML 30Page - Texas Instruments MAX3073E Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
MCU
Via to ground
SN65HVD33
R
R
C
5
6
6
4
R
5
Via to VCC
R
R
7
R
R
7
5
R
1
TVS
5
R
1
TVS
5
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
www.ti.com
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
11 Power Supply Recommendations
To ensure reliable operation at all data rates and supply voltages, each supply must be decoupled with a
100-nF ceramic capacitor located as close as possible to the supply pins. This helps to reduce supply voltage
ripple present on the outputs of switched-mode power supplies and also helps compensate for the resistance
and inductance of the PCB power planes.
12 Layout
12.1 Layout Guidelines
Robust and reliable bus-node design often requires the use of external transient protection devices to protect
against EFT and surge transients that can occur in industrial environments. Because these transients have a
wide frequency bandwidth (from approximately 3 MHz to 3 GHz), high-frequency layout techniques must be
applied during PCB design.
Place the protection circuitry close to the bus connector to prevent noise transients from entering the board.
Use VCC and ground planes to provide low-inductance. High-frequency currents follow the path of least
inductance and not the path of least impedance.
Design the protection components into the direction of the signal path. Do not force the transients currents to
divert from the signal path to reach the protection device.
Apply 100-nF to 220-nF bypass capacitors as close as possible to the VCC pins of transceiver, UART, and
controller ICs on the board.
Use at least two vias for VCC and ground connections of bypass capacitors and protection devices to
minimize effective via inductance.
Use 1-k
Ω to 10-kΩ pullup or pulldown resistors for enable lines to limit noise currents in these lines during
transient events.
Insert series pulse-proof resistors into the A and B bus lines if the TVS clamping voltage is higher than the
specified maximum voltage of the transceiver bus pins. These resistors limit the residual clamping current into
the transceiver and prevent it from latching up.
While pure TVS protection is sufficient for surge transients up to 1 kV, higher transients require metal-oxide
varistors (MOVs), which reduces the transients to a few hundred volts of clamping voltage and transient
blocking units (TBUs) that limit transient current to 200 mA.
12.2 Layout Example
Figure 32. SN65HVD33-EP Layout Example
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP


Similar Part No. - MAX3073E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3073EAPD MAXIM-MAX3073EAPD Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3073EASD MAXIM-MAX3073EASD Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3073EEPD MAXIM-MAX3073EEPD Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3073EESD MAXIM-MAX3073EESD Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results

Similar Description - MAX3073E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com