Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVDA5405QDRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HVDA5405QDRQ1
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HVDA5405QDRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HVDA5405QDRQ1 Datasheet HTML 2Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 3Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 4Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 5Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 6Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 7Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 8Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 9Page - Texas Instruments HVDA5405QDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN65HVDA540-Q1, SN65HVDA541-Q1, SN65HVDA542-Q1
SN65HVDA540-5-Q1, SN65HVDA541-5-Q1, SN65HVDA542-5-Q1
SLLS804C – MARCH 2009 – REVISED JANUARY 2013
www.ti.com
Protection Features
TXD Dominant State Time Out
During normal mode, the only mode where the CAN driver is active, the TXD dominant time out circuit prevents
the transceiver from blocking network communication in event of a hardware or software failure where TXD is
held dominant longer than the time out period t(DOM). The dominant time out circuit is triggered by a falling edge
on TXD. If no rising edge is seen before the time out constant of the circuit expires (t(DOM)) the CAN bus driver is
disabled freeing the bus for communication between other network nodes. The CAN driver is re-activated when a
recessive signal is seen on TXD pin, thus clearing the dominant state time out. The CAN bus pins will be biased
to recessive level during a TXD dominant state time out.
APPLICATION NOTE: The maximum dominant TXD time allowed by the TXD Dominant state time out limits the
minimum possible data rate of the device. The CAN protocol allows a maximum of eleven successive dominant
bits (on TXD) for the worst case, where five successive dominant bits are followed immediately by an error
frame. This, along with the t(DOM) minimum, limits the minimum bit rate. The minimum bit rate may be calculated
by: Minimum Bit Rate = 11/t(DOM)
Thermal Shutdown
If the junction temperature of the device exceeds the thermal shut down threshold the device will turn off the
CAN driver circuits. This condition is cleared once the temperature drops below the thermal shut down
temperature of the device. The CAN bus pins will be biased to recessive level during a thermal shutdown.
Undervoltage Lockout / Unpowered Device
Both of the supply pins have undervoltage detection which place the device in forced standby mode to protect
the bus during an undervoltage event on either the VCC or VIO supply pins. If VIO is undervoltage the RXD pin is
tri-stated and the device does not pass any wake-up signals from the bus to the RXD pin. Since the device is
placed into forced standby mode the CAN bus pins have a common mode bias to ground protecting the CAN
network, see Figure 1 and Figure 2.
The device is designed to be an "ideal passive" load to the CAN bus if it is unpowered. The bus pins (CANH,
CANL) have extremely low leakage currents when the device is un-powered so they will not load down the bus
but rather be "no load". This is critical, especially if some nodes of the network will be unpowered while the rest
of the network remains in operation.
APPLICATION NOTE: Once an undervoltage condition is cleared and the VCC and VIO have returned to valid
levels the device will typically need 300 µs to transition to normal operation.
Table 4. Undervoltage Protection
DEVICE
VCC
VIO
DEVICE STATE
BUS
RXD
Common mode
SN65HVDA540
Forced Standby Mode
HIGH (Recessive)
bias to GND(1)
Common mode
Mirrors bus state via wake-up
SN65HVDA541
Bad
Good
Forced Standby Mode
bias to GND(1)
filter(2)
Common mode
SN65HVDA542
Forced Standby Mode
HIGH (Recessive)
bias to GND(1)
Common mode
SN65HVDA54x
Good
Bad
Forced Standby Mode(3)
tri-state
bias to GND(1)
Common mode
SN65HVDA54x-5
Bad
N/A
Forced Standby Mode
HIGH (Recessive) or tri-state
bias to GND(1)
All Devices
Unpowered
Unpowered
No Load
High Z
(1)
See Figure 1 and Figure 2 for common mode bias information.
(2)
See Figure 3 and Figure 4 for operation of the low power wake up receiver and bus monitor for RXD Wake Up Request behavior and
Table 3 for the wake up receiver threshold levels.
(3)
When VIO is undervoltage, the device is forced into standby mode with respect to the CAN bus since there is not a valid digital reference
to determine the digital I/O states or power the wake-up receiver.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVDA540-Q1 SN65HVDA541-Q1 SN65HVDA540-5-Q1 SN65HVDA541-5-Q1
SN65HVDA542-5-Q1


Similar Part No. - HVDA5405QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA5405QDRQ1 TI1-HVDA5405QDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results

Similar Description - HVDA5405QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com