Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVS881 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65HVS881
Description  INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVS881 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVS881_16 Datasheet HTML 1Page - Texas Instruments SN65HVS881_16 Datasheet HTML 2Page - Texas Instruments SN65HVS881_16 Datasheet HTML 3Page - Texas Instruments SN65HVS881_16 Datasheet HTML 4Page - Texas Instruments SN65HVS881_16 Datasheet HTML 5Page - Texas Instruments SN65HVS881_16 Datasheet HTML 6Page - Texas Instruments SN65HVS881_16 Datasheet HTML 7Page - Texas Instruments SN65HVS881_16 Datasheet HTML 8Page - Texas Instruments SN65HVS881_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ELECTRICAL CHARACTERISTICS
SN65HVS881
www.ti.com................................................................................................................................................................................................... SLAS642 – MARCH 2009
Over full-range of recommended operating conditions, unless otherwise noted
PARAMETER
TERMINAL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FIELD INPUTS
Low-level device input threshold
VTH–(IP)
4.0
4.3
voltage
High-level device input threshold
IP0–IP7
RLIM = 25 kΩ
V
VTH+(IP)
5.2
5.5
voltage
VHYS(IP)
Device input hysteresis
0.9
Low-level field input threshold
VTH–(IN)
6
8.4
voltage
Measured at
18 V < VCC <30 V,
High-level field input threshold
field side of
RIN = 1.2 kΩ ± 5%,
V
VTH+(IN)
9.4
10
voltage
RIN
RLIM = 25 kΩ, TA ≤ 85 °C
VHYS(IN)
Field input hysteresis
1
Low-level VCC-monitor threshold
VTH– (VCC)
15
16.05
voltage
High-level VCC-monitor threshold
VCC
V
VTH+ (VCC)
16.8
18
voltage
VHYS (VCC)
VCC-monitor hysteresis
0.75
RIP
Input resistance
IP0–IP7
3 V < VIPx < 6 V, RLIM = 25 k
0.2
0.63
1.1
k
IIP-LIM
Input current limit
IP0–IP7
RLIM = 25 kΩ
3.15
3.6
4
mA
DB0 = open, DB1 = GND
0
tDB
Debounce times of input channels
IP0–IP7
DB0 = GND, DB1 = open
1
ms
DB0 = DB1 = open
3
IRE-on
RE on-state current
RE0–RE7
RLIM = 25 kΩ, REx = GND
2.8
3.15
3.5
mA
FIELD SUPPLY
IP0 to IP7 = VCC, 5VOP = open,
ICC(VCC)
Supply current, no load
VCC
8.7
mA
REX = GND, All logic inputs open
5V REGULATED OUTPUT
10V < VCC < 34V, no load
4.5
5
5.5
10V < VCC < 34V, IL = 5mA
4.5
5
5.5
10V < VCC < 34V, IL = 20mA,
VO(5V)
Linear regulator output voltage
V
4.5
5
5.5
5VOP
TA ≤ 105°C
10V < VCC < 34V, IL = 50 mA,
4.5
5
5.5
TA ≤ 85°C
ILIM(5V)
Linear regulator output current limit
115
mA
ΔV5/ΔVCC
Linear regulation
5VOP, VCC
10V < VCC < 34V, IL = 5 mA
2
mV/V
LOGIC INPUT AND OUTPUTS
VOL
Logic low-level output voltage
IOL = 20 µA
0.4
V
SOP, HOT
VOH
Logic high-level output voltage
IOH = –20 µA
4
V
DB0, DB1,
IIL
Logic input leakage current
SIP,
–50
50
µA
LD, CE, CLK
Over-temperature indication
TOVER
HOT
150
°C
(internal)
TSHDN
Shutdown temperature (internal)
170
°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVS881


Similar Part No. - SN65HVS881_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
More results

Similar Description - SN65HVS881_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX22190 MAXIM-MAX22190 Datasheet
972Kb / 40P
   Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX22192 MAXIM-MAX22192_V01 Datasheet
1Mb / 50P
   Octal Industrial Digital Input with Diagnostics and Digital Isolation
19-100406; Rev 3; 9/20
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
MAX31911 MAXIM-MAX31911_13 Datasheet
765Kb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 2; 10/13
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com