Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD34-EP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65HVD34-EP
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD34-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD34-EP Datasheet HTML 2Page - Texas Instruments SN65HVD34-EP Datasheet HTML 3Page - Texas Instruments SN65HVD34-EP Datasheet HTML 4Page - Texas Instruments SN65HVD34-EP Datasheet HTML 5Page - Texas Instruments SN65HVD34-EP Datasheet HTML 6Page - Texas Instruments SN65HVD34-EP Datasheet HTML 7Page - Texas Instruments SN65HVD34-EP Datasheet HTML 8Page - Texas Instruments SN65HVD34-EP Datasheet HTML 9Page - Texas Instruments SN65HVD34-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VI or VIC
Voltage at any bus terminal (separately or common mode)
–7(1)
12
V
'HVD30, 'HVD33
25
1/tUI
Signaling rate
'HVD31, 'HVD34
5
Mbps
'HVD32, 'HVD35
1
RL
Differential load resistance
54
60
VIH
High-level input voltage
D, DE, RE
2
VCC
V
VIL
Low-level input voltage
D, DE, RE
0
0.8
V
VID
Differential input voltage
–12
12
V
Driver
–60
IOH
High-level output current
mA
Receiver
–8
Driver
60
IOL
Low-level output current
mA
Receiver
8
TA
Ambient still-air temperature
–55
125(2)
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet.
(2)
Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
7.4 Thermal Information
D (SOIC)
D (SOIC)
THERMAL METRIC(1)
UNIT
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
135
92
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43
59
°C/W
RθJB
Junction-to-board thermal resistance
44
61
°C/W
ψJT
Junction-to-top characterization parameter
12.1
5.7
°C/W
ψJB
Junction-to-board characterization parameter
49.7
30.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP


Similar Part No. - SN65HVD34-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD34 TI-SN65HVD34 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI-SN65HVD34 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI-SN65HVD34 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI1-SN65HVD34 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD34D TI-SN65HVD34D Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD34-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com