Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3083E Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3083E
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3083E Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD3083E Datasheet HTML 7Page - Texas Instruments SN65HVD3083E Datasheet HTML 8Page - Texas Instruments SN65HVD3083E Datasheet HTML 9Page - Texas Instruments SN65HVD3083E Datasheet HTML 10Page - Texas Instruments SN65HVD3083E Datasheet HTML 11Page - Texas Instruments SN65HVD3083E Datasheet HTML 12Page - Texas Instruments SN65HVD3083E Datasheet HTML 13Page - Texas Instruments SN65HVD3083E Datasheet HTML 14Page - Texas Instruments SN65HVD3083E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Signaling Rate − kbps
1
10
100
1k
0.1
1
10
100
No Load
VCC = 5 V
TA = 25°C
50% Square wave input
Receiver Only
Driver and Receiver
Signaling Rate − Mbps
0.001
0.01
0.1
100
0.1
1
10
100
No Load
VCC = 5 V
TA = 25°C
50% Square wave input
10
1
Receiver Only
Driver and Receiver
VI − Bus Input Voltage − V
−60
−40
−20
0
20
40
60
80
−8
−6
−4
−2
0
2
4
6
8
10
12
VCC = 5 V
VCC = 0 V
Signaling Rate − kbps
1
10
100
0.1
1
10
Driver and Receiver
Receiver Only
No Load
VCC = 5 V
TA = 25°C
50% Square wave input
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
www.ti.com
SLLS771E – NOVEMBER 2006 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS
HVD3080E
INPUT BIAS CURRENT
SUPPLY CURRENT
vs
vs
BUS INPUT VOLTAGE
SIGNALING RATE
Figure 12.
Figure 13.
HVD3083E
HVD3086E
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SIGNALING RATE
SIGNALING RATE
Figure 14.
Figure 15.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD3080E SN65HVD3083E SN65HVD3086E


Similar Part No. - SN65HVD3083E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3083E TI-SN65HVD3083E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083E TI-SN65HVD3083E Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083EDGS TI-SN65HVD3083EDGS Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083EDGS TI-SN65HVD3083EDGS Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3083EDGSG4 TI-SN65HVD3083EDGSG4 Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3083E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com