Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD62RGTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD62RGTR
Description  SN65HVD62 AISG On-Off Keying Coax Modem Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD62RGTR Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD62RGTR Datasheet HTML 1Page - Texas Instruments SN65HVD62RGTR Datasheet HTML 2Page - Texas Instruments SN65HVD62RGTR Datasheet HTML 3Page - Texas Instruments SN65HVD62RGTR Datasheet HTML 4Page - Texas Instruments SN65HVD62RGTR Datasheet HTML 5Page - Texas Instruments SN65HVD62RGTR Datasheet HTML 6Page - Texas Instruments SN65HVD62RGTR Datasheet HTML 7Page - Texas Instruments SN65HVD62RGTR Datasheet HTML 8Page - Texas Instruments SN65HVD62RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
XTAL
Buffer
OUTPUT
STAGE
Buffer
OOK
DEMOD
RES
XTAL1
TXIN
RXOUT
TXOUT
VL
GND
Buffer
OOK
MOD
PREAMP
FILTER
Control
Logic
COMP
2.176
FILTER
2.176
SYNCOUT
RXIN
DIR
DIRSET1
RECEIVER
THRESHOLD
14
15
2
7
6
5
4
16
11
3
12
9
1
13
8
10
BIAS
GND
Vcc
XTAL2
DIRSET2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65HVD62
SLLSE94C – SEPTEMBER 2011 – REVISED MARCH 2015
SN65HVD62 AISG On-Off Keying Coax Modem Transceiver
1 Features
3 Description
These transceivers modulate and demodulate signals
1
Supply Ranging From 3V to 5.5V
between the logic (baseband) and a frequency
Independent Logic Supply of 1.6V to 5.5V
suitable for long coaxial media.
Wide Input Dynamic Range of –15dBm to +5dBm
The HVD62 is an integrated AISG transceiver
for Receiver
designed to be compliant with Antenna Interface
Power Delivered by the Driver to the Coax can be
Standards Group v2.0 specification.
Adjusted From 0dBm to +6dBm
The HVD62 receiver integrates an active bandpass
AISG Compliant Output Emission Profile
filter to enable demodulation of signals even in the
Low-power Standby Mode
presence of spurious frequency components. The
filter has a 2.176 MHz center frequency.
Direction Control Output for RS-485 Bus
Arbitration
The transmitter supports adjustable output power
Supports up to 115 kbps Signaling
levels varying from +0dBm to +6dBm delivered to the
50
Ω coax cable. The HVD62 transmitter is compliant
Integrated Active Bandpass Filter with Center
with the spectrum emission requirement provided by
Frequency at 2.176MHz
the AISG standard.
3mm × 3mm 16-Pin QFN Package
A direction control output is provided which facilitates
bus arbitration for an RS-485 interface. These
2 Applications
devices integrate an oscillator input for a crystal, and
AISG – Interface for Antenna Line Devices
also accept standard clock inputs to the oscillator.
Tower Mounted Amplifiers (TMA)
Device Information(1)
General Modem Interfaces
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN65HVD62
VQFN (16)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65HVD62RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD62RGTR TI1-SN65HVD62RGTR Datasheet
520Kb / 16P
[Old version datasheet]   AISG On-Off Keying Coax Modem Transceiver
More results

Similar Description - SN65HVD62RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD62 TI1-SN65HVD62 Datasheet
520Kb / 16P
[Old version datasheet]   AISG On-Off Keying Coax Modem Transceiver
SN65HVD64 TI-SN65HVD64 Datasheet
23Mb / 30P
[Old version datasheet]   SN65HVD64 AISG® On and Off Keying Coax Modem Transceiver
OCTOBER 2020
SN65HVD63 TI-SN65HVD63 Datasheet
22Mb / 28P
[Old version datasheet]   SN65HVD63 AISG® On and Off Keying Coax Modem Transceiver
JULY 2015
logo
Maxim Integrated Produc...
MAX11947 MAXIM-MAX11947 Datasheet
1Mb / 45P
   4 Channel AISG Integrated Modem
2020
MAX9947_1107 MAXIM-MAX9947_1107 Datasheet
614Kb / 1P
   AISG Integrated Transceiver
Rev 3; 7/11
MAX9947 MAXIM-MAX9947 Datasheet
89Kb / 1P
   AISG Integrated Transceiver
Rev 0; 12/09
MAX9947 MAXIM-MAX9947_11 Datasheet
607Kb / 1P
   AISG Integrated Transceiver AISG-Compliant Output Emission Profile
Rev 2; 6/11
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
   19200 baud modem transceiver
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
   On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
   On off valve
4/13/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com