Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD34 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD34
Description  SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD34 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD34 Datasheet HTML 4Page - Texas Instruments SN65HVD34 Datasheet HTML 5Page - Texas Instruments SN65HVD34 Datasheet HTML 6Page - Texas Instruments SN65HVD34 Datasheet HTML 7Page - Texas Instruments SN65HVD34 Datasheet HTML 8Page - Texas Instruments SN65HVD34 Datasheet HTML 9Page - Texas Instruments SN65HVD34 Datasheet HTML 10Page - Texas Instruments SN65HVD34 Datasheet HTML 11Page - Texas Instruments SN65HVD34 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
SN65HVD30, SN65HVD31, SN65HVD32
SN65HVD33, SN65HVD34, SN65HVD35
SLLS665K – SEPTEMBER 2005 – REVISED OCTOBER 2015
www.ti.com
7.6 Electrical Characteristics: Receiver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Positive-going differential input threshold
VIT+
IO = –8 mA
–0.02
V
voltage
Negative-going differential input threshold
VIT-
IO = 8 mA
–0.20
V
voltage
Vhys
Hysteresis voltage (VIT+ – VIT–)
50
mV
VIK
Enable-input clamp voltage
II = –18 mA
–1.5
V
VID = 200 mV, IO = –8 mA, See Figure 24
2.4
VO
Output voltage
V
VID = –200 mV, IO = 8 mA, See Figure 24
0.4
IO(Z)
High-impedance-state output current
VO = 0 or VCC, RE at VCC
–1
1
μA
VA or VB = 12 V
0.05
0.1
Other input at 0 V
VA or VB = 12 V, VCC = 0 V
SN65HVD31,
0.06
0.1
Other input at 0 V
SN65HVD32,
mA
SN65HVD34,
VA or VB = –7 V
–0.10
–0.04
SN65HVD35
Other input at 0 V
VA or VB = –7 V, VCC = 0 V
–0.10
–0.03
Other input at 0 V
IA or
Bus input current
IB
VA or VB = 12 V
0.20
0.35
Other input at 0 V
VA or VB = 12 V, VCC = 0 V
0.24
0.4
Other input at 0 V
SN65HVD30,
mA
SN65HVD33
VA or VB = –7 V
–0.35
–0.18
Other input at 0 V
VA or VB = –7 V, VCC = 0 V
–0.25
–0.13
Other input at 0 V
IIH
Input current, RE
VIH = 0.8 V or 2 V
–60
μA
CID
Differential input capacitance
VID = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
15
pF
(1)
All typical values are at 25°C and with a 3.3-V supply.
7.7 Device Power Dissipation – PD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 3.6 V, TJ = 140°C,
SN65HVD30,
RL = 54 Ω, CL = 50 pF (driver),
197
Power Dissipation (worst case)
SN65HVD33
CL = 15 pF (receiver)
Driver and receiver enabled, 50% duty
cycle square-wave signal at signaling
VCC = 3.6 V, TJ = 140°C,
SN65HVD31,
rate:
PD
RL = 54 Ω, CL = 50 pF (driver),
213
mW
SN65HVD34
SN65HVD30, SN65HVD33 at 25 Mbps,
CL = 15 pF (receiver)
SN65HVD31, SN65HVD34 at 5 Mbps,
VCC = 3.6 V, TJ = 140°C,
SN65HVD32,
SN65HVD32, SN65HVD35 at 1 Mbps
RL = 54 Ω, CL = 50 pF (driver),
248
SN65HVD35
CL = 15 pF (receiver)
TSD
Thermal Shut-down Junction Temperature
170
°C
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD30 SN65HVD31 SN65HVD32 SN65HVD33 SN65HVD34 SN65HVD35


Similar Part No. - SN65HVD34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD34 TI-SN65HVD34 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI-SN65HVD34 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI-SN65HVD34 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD34 TI1-SN65HVD34 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD34-EP TI1-SN65HVD34-EP Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
More results

Similar Description - SN65HVD34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com