Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD61 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD61
Description  ControlNet TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD61 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD61 Datasheet HTML 7Page - Texas Instruments SN65HVD61 Datasheet HTML 8Page - Texas Instruments SN65HVD61 Datasheet HTML 9Page - Texas Instruments SN65HVD61 Datasheet HTML 10Page - Texas Instruments SN65HVD61 Datasheet HTML 11Page - Texas Instruments SN65HVD61 Datasheet HTML 12Page - Texas Instruments SN65HVD61 Datasheet HTML 13Page - Texas Instruments SN65HVD61 Datasheet HTML 14Page - Texas Instruments SN65HVD61 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SN65HVD61
www.ti.com
SLLS770D
– JANUARY 2007 – REVISED JUNE 2011
APPLICATION INFORMATION
THERMAL SHUTDOWN
In most cases, the device
’s internal junction temperature will not reach the thermal shutdown temperature if
operated within the recommended operating conditions. However, during fault conditions, such as driver
short-circuit, the junction temperature may reach the thermal shutdown limit. This also depends on the thermal
characteristics of the device mounting, the circuit board, and environmental factors. After the device reaches the
thermal shutdown temperature, the driver outputs will be disabled, and the device will cool down. If the
short-circuit is still present when the drivers are re-enabled, this thermal shutdown cycle will repeat until the
short-circuit fault is removed.
For long-term reliability, the package power dissipation must not exceed the values in the data sheet POWER
DISSIPATION RATINGS for extended periods.
POWER-UP TRANSIENTS
The absolute maximum ratings for Vcc and Vdd specify the limits for these supplies. During initial power-on,
these supply voltages may instantaneously drop below the given lower limit. Designers should consider that
diodes in the circuitry will begin to turn on if the voltage becomes too negative, and that damage may occur if
these diodes dissipate significant power internal to the device. The actual threshold for possible damage is a
function of both undervoltage magnitude and undervoltage transient duration. Further, the allowable undervoltage
transient conditions depend on factors such as device junction temperature and power supply source impedance.
THERMAL CHARACTERISTICS OF IC PACKAGES
Junction-to-Ambient Thermal Resistance (
θJA) is defined as the difference in junction temperature to ambient
temperature divided by the operating power.
θJA is NOT a constant and is a strong function of
the PCB design (50% variation)
altitude (20% variation)
device power (5% variation)
θJA can be used to compare the thermal performance of packages if the specific test conditions are defined and
used. Standardized testing includes specification of PCB construction, test chamber volume, sensor locations,
and the thermal characteristics of holding fixtures.
θJA is often misused when it is used to calculate junction
temperatures for other installations.
TI uses two test PCBs as defined by JEDEC specifications. The low-k board gives average in-use condition
thermal performance and consists of a single trace layer 25 mm long and 2-oz thick copper. The high-k board
gives best case in-use condition and consists of 2 1-oz buried power planes with a single trace layer 25 mm long
with 2-oz thick copper. A 4% to 50% difference in
θJA can be measured between these two test cards
Junction-to-case thermal resistance (
θJC) is defined as difference in junction temperature to case divided by the
operating power. It is measured by putting the mounted package up against a copper block cold plate to force
heat to flow from die, through the mold compound into the copper block.
θJC is a useful thermal characteristic when a heatsink is applied to package. It is NOT a useful characteristic to
predict junction temperature as it provides pessimistic numbers if the case temperature is measured in a
non-standard system and junction temperatures are backed out. It can be used with
θJB in 1-dimensional thermal
simulation of a package system.
Junction-to-board thermal resistance (
θJB ) is defined to be the difference in the junction temperature and the
PCB temperature at the center of the package (closest to the die) when the PCB is clamped in a cold
−plate
structure.
θJB is only defined for the high-k test card.
Copyright
© 2007–2011, Texas Instruments Incorporated
11


Similar Part No. - SN65HVD61

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
[Old version datasheet]   ControlNet TM TRANSCEIVER
More results

Similar Description - SN65HVD61

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
[Old version datasheet]   ControlNet TM TRANSCEIVER
logo
List of Unclassifed Man...
123092A ETC2-123092A Datasheet
104Kb / 3P
   ControlNet??Quad Shielded Coax
logo
Belden Inc.
183092A BELDEN-183092A Datasheet
246Kb / 3P
   ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com