Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD61 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65HVD61
Description  ControlNet TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD61 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD61_15 Datasheet HTML 5Page - Texas Instruments SN65HVD61_15 Datasheet HTML 6Page - Texas Instruments SN65HVD61_15 Datasheet HTML 7Page - Texas Instruments SN65HVD61_15 Datasheet HTML 8Page - Texas Instruments SN65HVD61_15 Datasheet HTML 9Page - Texas Instruments SN65HVD61_15 Datasheet HTML 10Page - Texas Instruments SN65HVD61_15 Datasheet HTML 11Page - Texas Instruments SN65HVD61_15 Datasheet HTML 12Page - Texas Instruments SN65HVD61_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
XF3
XF1
CHEN
VDD
DGND
CGND
0V
CHEN
0V
50%
V
or
V
RX
CD
tpZH
tpHZ
RX
CD
RL
0V
+
-
CL
0V
TestInput
Signal
VOH
90%
VCC
VCC
VID
CL RL
VDD
0.5VDD
SN65HVD61
www.ti.com
SLLS770D
– JANUARY 2007 – REVISED JUNE 2011
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Test Circuit and Signal Waveforms, Receiver Enable and Disable With High Bus Input
Table 1. FUNCTION TABLES
TRANSMITTER
INPUTS
OUTPUTS
CHEN
TXEN
TX
TXBAR
XF1
XF3
L or OPEN
X
X
X
Z
Z
L or OPEN
X
X
Z
Z
L or OPEN
L or OPEN
Z
Z
H
H
L or OPEN
H
Z
L
H
L or OPEN
L
Z
H(1)
H(1)
H(1)
L(1)
L(1)
(1)
This combination is not supported and should be avoided in ControlNet applications
RECEIVER
INPUTS
OUTPUT
CHEN
XF1, XF3
CONDITION
RX
L or OPEN
X
Chip disabled
Z
(VXF3 – VXF1) < VTH–
Negative signal
L
H
VTH– < (VXF3 – VXF1) < VTH+
No signal
?
VTH+ < (VXF3 – VXF1)
Positive signal
H
CARRIER DETECT
INPUTS
OUTPUT
CHEN
XF1, XF3
CONDITION
CD
L or OPEN
X
Chip disabled
Z
(VXF3 – VXF1) < VCD
Carrier not detected
L
VCD < (VXF3 – VXF1)
Carrier detected
H
Copyright
© 2007–2011, Texas Instruments Incorporated
9


Similar Part No. - SN65HVD61_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
[Old version datasheet]   ControlNet TM TRANSCEIVER
More results

Similar Description - SN65HVD61_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
[Old version datasheet]   ControlNet TM TRANSCEIVER
logo
List of Unclassifed Man...
123092A ETC2-123092A Datasheet
104Kb / 3P
   ControlNet??Quad Shielded Coax
logo
Belden Inc.
183092A BELDEN-183092A Datasheet
246Kb / 3P
   ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com