Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABTH162245DGVRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ABTH162245DGVRG4
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ABTH162245DGVRG4 Datasheet(HTML) 2 Page - Texas Instruments

  74ABTH162245DGVRG4 Datasheet HTML 1Page - Texas Instruments 74ABTH162245DGVRG4 Datasheet HTML 2Page - Texas Instruments 74ABTH162245DGVRG4 Datasheet HTML 3Page - Texas Instruments 74ABTH162245DGVRG4 Datasheet HTML 4Page - Texas Instruments 74ABTH162245DGVRG4 Datasheet HTML 5Page - Texas Instruments 74ABTH162245DGVRG4 Datasheet HTML 6Page - Texas Instruments 74ABTH162245DGVRG4 Datasheet HTML 7Page - Texas Instruments 74ABTH162245DGVRG4 Datasheet HTML 8Page - Texas Instruments 74ABTH162245DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN54ABTH162245, SN74ABTH162245
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS712A – FEBRUARY 1998 – REVISED APRIL 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each 8-bit section)
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
logic symbol
1A2
46
1A3
44
1A4
43
1A5
41
1A6
40
1A7
38
1A8
37
2A2
35
2A3
33
2A4
32
2A5
30
2A6
29
2A7
27
2A8
26
1OE
2OE
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1A1
47
G3
48
3 EN1 [BA]
1
1DIR
3 EN2 [AB]
G6
25
6 EN4 [BA]
24
2DIR
6 EN5 [AB]
1B1
2
1B2
3
1B3
5
1B4
6
1B5
8
1B6
9
1B7
11
1B8
12
2A1
36
2B1
13
2B2
14
2B3
16
2B4
17
2B5
19
2B6
20
2B7
22
2B8
23
1
2
4
5


Similar Part No. - 74ABTH162245DGVRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH162245A PHILIPS-74ABTH162245A Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
logo
Nexperia B.V. All right...
74ABTH162245A NEXPERIA-74ABTH162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
logo
NXP Semiconductors
74ABTH162245ADGG PHILIPS-74ABTH162245ADGG Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
logo
Nexperia B.V. All right...
74ABTH162245ADGG NEXPERIA-74ABTH162245ADGG Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
logo
NXP Semiconductors
74ABTH162245ADL PHILIPS-74ABTH162245ADL Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
More results

Similar Description - 74ABTH162245DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com