Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABTH16823DLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABTH16823DLR
Description  18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH16823DLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ABTH16823DLR Datasheet HTML 3Page - Texas Instruments SN74ABTH16823DLR Datasheet HTML 4Page - Texas Instruments SN74ABTH16823DLR Datasheet HTML 5Page - Texas Instruments SN74ABTH16823DLR Datasheet HTML 6Page - Texas Instruments SN74ABTH16823DLR Datasheet HTML 7Page - Texas Instruments SN74ABTH16823DLR Datasheet HTML 8Page - Texas Instruments SN74ABTH16823DLR Datasheet HTML 9Page - Texas Instruments SN74ABTH16823DLR Datasheet HTML 10Page - Texas Instruments SN74ABTH16823DLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN54ABTH16823, SN74ABTH16823
18-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS664B – APRIL 1996 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABTH16823
SN74ABTH16823
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
150
0
150
0
150
MHz
t
Pulse duration
CLR low
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
ns
CLR inactive
1.6
2
1.6
tsu
Setup time before CLK
Data
1.7
1.7
1.7
ns
CLKEN low
2.8
2.8
2.8
th
Hold time after CLK
Data
1.2
1.2
1.2
ns
th
Hold time after CLK
CLKEN low
0.6
0.6
0.6
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABTH16823
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
CLK
Q
1.6
3.9
5.5
1.6
7.7
ns
tPHL
CLK
Q
2.1
3.9
5.4
2.1
6.4
ns
tPHL
CLR
Q
1.9
4.1
6
1.9
6.9
ns
tPZH
OE
Q
1
3.1
4.2
1
5.1
ns
tPZL
OE
Q
1.5
3.5
4.6
1.5
5.7
ns
tPHZ
OE
Q
2.2
4.3
6
2.2
6.8
ns
tPLZ
OE
Q
1.6
4.3
6.4
1.6
9.9
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABTH16823
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
150
150
MHz
tPLH
CLK
Q
1.6
3.9
5.5
1.6
6.8
ns
tPHL
CLK
Q
2.1
3.9
5.4
2.1
6
ns
tPHL
CLR
Q
1.9
4.1
6
1.9
6.7
ns
tPZH
OE
Q
1
3.1
4.2
1
4.9
ns
tPZL
OE
Q
1.5
3.5
4.6
1.5
5.5
ns
tPHZ
OE
Q
2.2
4.3
5.6
2.2
6.1
ns
tPLZ
OE
Q
1.6
4.3
6.4
1.6
8.7
ns


Similar Part No. - SN74ABTH16823DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH16823DL TI-SN74ABTH16823DL Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABTH16823DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16823 TI-54ACT16823_08 Datasheet
344Kb / 12P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_07 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16283A TI-SN54ABT16283A Datasheet
180Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com