Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD4004 Datasheet(PDF) 13 Page - Winbond

Part No. ISD4004
Description  Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD4004 Datasheet(HTML) 13 Page - Winbond

Back Button ISD4004 Datasheet HTML 9Page - Winbond ISD4004 Datasheet HTML 10Page - Winbond ISD4004 Datasheet HTML 11Page - Winbond ISD4004 Datasheet HTML 12Page - Winbond ISD4004 Datasheet HTML 13Page - Winbond ISD4004 Datasheet HTML 14Page - Winbond ISD4004 Datasheet HTML 15Page - Winbond ISD4004 Datasheet HTML 16Page - Winbond ISD4004 Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ISD4004 Series
9
ISD
1. Typical values: TA = 25°C and 3.0 V.
2. All min/max limits are guaranteed by ISD via electrical testing or characterization. Not all specifications are
100 percent tested.
3. VCCA and VCCD connected together.
4. SS = VCCA = VCCD, XCLK = MOSI = VSSA= VSSD and all other pins floating.
5. Measured with AutoMute feature disabled.
Table 6: DC Parameters (Packaged Parts)
Symbol
Parameters
Min(2)
Typ(1)
Max(2)
Units
Conditions
V
IL
Input Low Voltage
V
CC
x0.2
V
V
IH
Input High Voltage
V
CC
x0.8
V
V
OL
Output Low Voltage
0.4
V
I
OL
= 10 µA
V
OL1
RAC, INT Output Low Voltage
0.4
V
I
OL
= 1 mA
V
OH
Output High Voltage
V
CC
–0.4
V
I
OH
= –10 µA
I
CC
V
CC
Current (Operating)
— Playback
— Record
15
25
30
40
mA
mA
R
EXT
=
¥(3)
R
EXT
=
¥ (3)
I
SB
V
CC
Current (Standby)
1
10
µA
(3) (4)
I
IL
Input Leakage Current
±1
µA
I
HZ
MISO Tristate Current
1
10
µA
R
EXT
Output Load Impedance
5
K
W
R
ANA IN+
ANA IN+ Input Resistance
2.2
3.0
3.8
K
W
R
ANA IN–
ANA IN– Input Resistance
40
56
71
K
W
A
ARP
ANA IN+ or ANA IN– to AUD OUT Gain
25
dB
(5)
Table 7: AC Parameters (Packaged Parts)
Symbol
Characteristic
Min(2)
Typ(1)
Max(2)
Units
Conditions
F
S
Sampling
Frequency
ISD4004-08M
ISD4004-10M
ISD4004-12M
ISD4004-16M
8.0
6.4
5.3
4.0
KHz
KHz
KHz
KHz
(5)
(5)
(5)
(5)
F
CF
Filter Pass Band
ISD4004-08M
ISD4004-10M
ISD4004-12M
ISD4004-16M
3.4
2.7
2.3
1.7
KHz
KHz
KHz
KHz
3-dB Roll-Off Point
(3) (7)
3-dB Roll-Off Point
(3) (7)
3-dB Roll-Off Point
(3) (7)
3-dB Roll-Off Point
(3) (7)
T
REC
Record Duration
ISD4004-08M
ISD4004-10M
ISD4004-12M
ISD4004-16M
8
10
12
16
min
min
min
min
(6)
(6)
(6)
(6)


Similar Part No. - ISD4004

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD4004 ETC1-ISD4004 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
Nuvoton Technology Corporation
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD4004-08M ETC1-ISD4004-08M Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
Nuvoton Technology Corporation
Nuvoton Technology Corp...
ISD4004-08MPY NUVOTON-ISD4004-08MPY Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD4004-08MSY NUVOTON-ISD4004-08MSY Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
More results

Similar Description - ISD4004

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
Nuvoton Technology Corporation
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Generalplus Technology Inc.
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz