Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26420 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM26420
Description  Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26420 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM26420 Datasheet HTML 7Page - Texas Instruments LM26420 Datasheet HTML 8Page - Texas Instruments LM26420 Datasheet HTML 9Page - Texas Instruments LM26420 Datasheet HTML 10Page - Texas Instruments LM26420 Datasheet HTML 11Page - Texas Instruments LM26420 Datasheet HTML 12Page - Texas Instruments LM26420 Datasheet HTML 13Page - Texas Instruments LM26420 Datasheet HTML 14Page - Texas Instruments LM26420 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
TEMPERATURE (°C)
3.50
3.45
3.40
3.35
3.30
3.25
3.20
3.15
3.10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
3.9
3.8
3.7
3.6
3.5
3.4
-50
-25
0
25
50
75
100
125
Y Version
TEMPERATURE (°C)
11. 6
11. 4
11. 2
11. 0
10. 8
10. 6
-50
-25
0
25
50
75
100
125
X Version
TEMPERATURE (°C)
110
100
90
80
70
60
50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
80
70
60
50
40
30
20
-50
-25
0
25
50
75
100
125
11
LM26420, LM26420-Q0, LM26420-Q1
www.ti.com
SNVS579K – FEBRUARY 2009 – REVISED APRIL 2016
Product Folder Links: LM26420 LM26420-Q0 LM26420-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
All curves taken at VIN = 5 V with configuration in typical application circuits shown in Application and Implementation. TJ =
25°C, unless otherwise specified.
Figure 19. RDSON Top Vs Temperature (TSSOP-20 Package)
Figure 20. RDSON Bottom Vs Temperature
(TSSOP-20 Package)
Figure 21. IQ (Quiescent Current Switching), X Option
Figure 22. IQ (Quiescent Current Switching), Y Option
Figure 23. VFB vs Temperature
VIN = 5 V and 3.3 V
Figure 24. Current Limit vs Temperature


Similar Part No. - LM26420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM26420-Q0 TI-LM26420-Q0 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q1 TI-LM26420-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
National Semiconductor ...
LM26420XMH NSC-LM26420XMH Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
LM26420XMHX NSC-LM26420XMHX Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
More results

Similar Description - LM26420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26420 TI-LM26420_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
   High efficiency synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
   high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com