Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26420 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM26420
Description  Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26420 Datasheet(HTML) 1 Page - Texas Instruments

  LM26420 Datasheet HTML 1Page - Texas Instruments LM26420 Datasheet HTML 2Page - Texas Instruments LM26420 Datasheet HTML 3Page - Texas Instruments LM26420 Datasheet HTML 4Page - Texas Instruments LM26420 Datasheet HTML 5Page - Texas Instruments LM26420 Datasheet HTML 6Page - Texas Instruments LM26420 Datasheet HTML 7Page - Texas Instruments LM26420 Datasheet HTML 8Page - Texas Instruments LM26420 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
VIN
PG1
PG2
SW1
SW2
FB1
FB2
GND
VOUT1
2.5 V/2 A
VIN
3 V to 5.5 V
EN1
EN2
Buck 1
Buck 2
VOUT2
1.2 V/2 A
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM26420, LM26420-Q0, LM26420-Q1
SNVS579K – FEBRUARY 2009 – REVISED APRIL 2016
LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous
DC-DC Converter
1
1 Features
1
Qualified for Automotive Applications
AEC Q100-Qualified With the Following Results:
Device Temperature Grade 0 (Q0): –40°C to
+150°C Ambient Operating Temperature
Range
Device Temperature Grade 1 (Q1): –40°C to
+125°C Ambient Operating Temperature
Range
Compliant with CISPR25 Class 5 Conducted
Emissions
Input Voltage Range of 3 V to 5.5 V
Output Voltage Range of 0.8 V to 4.5 V
2-A Output Current per Regulator
High Switching Frequency: 2.2 MHz (LM26420X)
0.55 MHz (LM26420Y)
0.8 V, 1.5% Internal Voltage Reference
Internal Soft Start
Independent Power Good and Precision Enable
for Each Output
Current Mode, PWM Operation
Thermal Shutdown
Overvoltage Protection
Start-up into Pre-biased Output Loads
Regulators are 180° Out of Phase
2 Applications
Local 5 V to Vcore of FPGAs
Core Power in HDDs and Set-Top Boxes
USB Powered Devices
Powering Core and I/O Voltages for CPUs and
ASICs
Automotive Camera, Infotainment, and Clusters
space
3 Description
The
LM26420
regulator
is
a
monolithic,
high-
efficiency dual PWM step-down DC-DC converter.
This device has the ability to drive two 2-A loads with
an internal 75-m
Ω PMOS top switch and an internal
50-m
Ω NMOS bottom switch using state-of-the-art
BICMOS technology results in the best power density
available. The world-class control circuitry allow on
times as low as 30 ns, thus supporting exceptionally
high-frequency conversion over the entire 3-V to 5.5-
V input operating range down to the minimum output
voltage of 0.8 V.
Although the operating frequency is high, efficiencies
up to 93% are easy to achieve. External shutdown is
included, featuring an ultra-low standby current. The
LM26420 utilizes current-mode control and internal
compensation to provide high performance regulation
over a wide range of operating conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM26420
HTSSOP (20)
6.50 mm × 4.40 mm
WQFN (16)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
LM26420 Dual Buck DC-DC Converter
LM26420 Efficiency (Up to 93%)


Similar Part No. - LM26420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM26420-Q0 TI-LM26420-Q0 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q1 TI-LM26420-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
National Semiconductor ...
LM26420XMH NSC-LM26420XMH Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
LM26420XMHX NSC-LM26420XMHX Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
More results

Similar Description - LM26420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26420 TI-LM26420_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
   High efficiency synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
   high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com