Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2796 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2796
Description  LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2796 Datasheet(HTML) 2 Page - Texas Instruments

  LM2796 Datasheet HTML 1Page - Texas Instruments LM2796 Datasheet HTML 2Page - Texas Instruments LM2796 Datasheet HTML 3Page - Texas Instruments LM2796 Datasheet HTML 4Page - Texas Instruments LM2796 Datasheet HTML 5Page - Texas Instruments LM2796 Datasheet HTML 6Page - Texas Instruments LM2796 Datasheet HTML 7Page - Texas Instruments LM2796 Datasheet HTML 8Page - Texas Instruments LM2796 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Top View
A
B
C
D
E
1
2
3
4
5
6
7
Bottom View
E
D
C
B
A
1
2
3
4
5
6
7
LM2796
SNVS273A – MAY 2004 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. 18-Bump Thin DSBGA Package, Large Bump
Package Number YZR0018
PIN DESCRIPTION
Pin #s
Pin Names
Pin Descriptions
C1
VIN
Input voltage. Input range: 2.7V to 5.5V.
D2
GND
Ground
A3
POUT
Charge pump output. Approximately 1.5×VIN
A1, B2, A5, E1
C1+, C1-, C2+, C2-
Flying capacitor connections.
A7
EN
Enable pin. Logic input. High = normal operation, Low = shutdown (charge pump and all
current sources OFF).
D6, E5, D4, E3
D1A, D2A, D3A, D4A
LED Outputs - Group A
C5, B4, C3
D1B, D2B, D3B
LED Outputs - Group B
B6
EN-A
Enable for Group-A LEDs (current outputs). Logic input.
High = Group-A LEDs ON. Low = Group A LEDs OFF.
Pulsing this pin with a PWM signal (100Hz-1kHz) can be used to dim LEDs.
E7
EN-B
Enable for Group-B LEDs (current outputs). Logic input.
High = Group-B LEDs ON. Low = Group B LEDs OFF.
Pulsing this pin with a PWM signal (100Hz-1kHz) can be used to dim LEDs.
C7
ISET
Placing a resistor (RSET) between this pin and GND sets the LED current for all LEDs. LED
Current = 100 × (1.25V ÷ RSET).
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2796


Similar Part No. - LM2796

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961TL NSC-LM27961TL Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results

Similar Description - LM2796

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com