Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABTH16260DLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABTH16260DLR
Description  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH16260DLR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ABTH16260DLR Datasheet HTML 1Page - Texas Instruments SN74ABTH16260DLR Datasheet HTML 2Page - Texas Instruments SN74ABTH16260DLR Datasheet HTML 3Page - Texas Instruments SN74ABTH16260DLR Datasheet HTML 4Page - Texas Instruments SN74ABTH16260DLR Datasheet HTML 5Page - Texas Instruments SN74ABTH16260DLR Datasheet HTML 6Page - Texas Instruments SN74ABTH16260DLR Datasheet HTML 7Page - Texas Instruments SN74ABTH16260DLR Datasheet HTML 8Page - Texas Instruments SN74ABTH16260DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN54ABT16260, SN74ABTH16260
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS204C – JUNE 1992 – REVISED MAY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The SN54ABT16260 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABTH16260 is characterized for operation from –40
°C to 85°C.
Function Tables
B TO A (OEB = H)
INPUTS
OUTPUT
1B
2B
SEL
LE1B
LE2B
OEA
A
H
X
H
H
X
L
H
L
XH
HX
L
L
X
XH
L
X
L
A0
X
HL
X
H
L
H
X
LL
X
H
L
L
X
XL
XL
L
A0
X
X
X
X
X
H
Z
A TO B (OEA = H)
INPUTS
OUTPUTS
A
LEA1B
LEA2B
OE1B
OE2B
1B
2B
H
H
H
L
L
H
H
L
HH
L
L
L
L
H
HL
L
L
H
2B0
L
HL
L
L
L
2B0
H
LH
L
L
1B0
H
L
LH
L
L
1B0
L
X
LL
L
L
1B0
2B0
X
XX
H
H
Z
Z
X
X
X
L
H
Active
Z
X
XX
H
L
Z
Active
X
X
X
L
L
Active
Active


Similar Part No. - SN74ABTH16260DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH16260DL TI-SN74ABTH16260DL Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABTH16260DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
74ABT16260 PHILIPS-74ABT16260 Datasheet
79Kb / 12P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Feb 10
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI1-SN74ALVCH16260_08 Datasheet
348Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com