Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6E2HE4E0AGV20000 Datasheet(PDF) 1 Page - Texas Instruments

Part # S6E2HE4E0AGV20000
Description  32-bit ARMCortex-M4F FM4 Microcontroller
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

S6E2HE4E0AGV20000 Datasheet(HTML) 1 Page - Texas Instruments

  S6E2HE4E0AGV20000 Datasheet HTML 1Page - Texas Instruments S6E2HE4E0AGV20000 Datasheet HTML 2Page - Texas Instruments S6E2HE4E0AGV20000 Datasheet HTML 3Page - Texas Instruments S6E2HE4E0AGV20000 Datasheet HTML 4Page - Texas Instruments S6E2HE4E0AGV20000 Datasheet HTML 5Page - Texas Instruments S6E2HE4E0AGV20000 Datasheet HTML 6Page - Texas Instruments S6E2HE4E0AGV20000 Datasheet HTML 7Page - Texas Instruments S6E2HE4E0AGV20000 Datasheet HTML 8Page - Texas Instruments S6E2HE4E0AGV20000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 163 page
background image
32-bit ARM
®
Cortex
®
-M4F
FM4 Microcontroller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number:
001-98943 Rev *C
Revised March 7, 2016
S6E2H Series
Devices in the S6E2H Series are highly integrated 32-bit microcontrollers with high performance and competitive cost. This series is
based on the ARM Cortex-M4F Processor with on-chip Flash memory and SRAM. The series has peripheral functions such as
Motor Control Timers, ADCs and Communication Interfaces (CAN, UART, CSIO, I
2C, LIN).
Features
32-bit ARM Cortex-M4F Core
Up to 160 MHz Frequency Operation
On-chip Memories
MainFlash memory - Up to 512 Kbytes
WorkFlash memory - 32 Kbytes
SRAM
• SRAM0: Up to 32 Kbytes
• SRAM1: Up to 16 Kbytes
• SRAM2: Up to 16 Kbytes
External Bus Interface
CAN Interface (Max 2 channels)
Multi-function Serial Interface (Max 8 channels)
Universal Asynchronous Receiver/Transmitter (UART)
Clock Synchronous Serial Interface (CSIO (SPI))
Local Interconnect Network (LIN)
Inter-integrated Circuit (I
2C)
DMA Controller (8 channels)
DSTC (Descriptor System data Transfer Controller) (256
channels)
A/D Converter (Max 24 channels)
[12-bit A/D Converter]
DA Converter (Max 2 channels)
Base Timer (Max 8 channels)
Up to 100 high-speed general-purpose I/O ports @ 120 pin
Package
Multi-function Timer (Max 3 units)
Real-time Clock (RTC)
Quadrature Position/Revolution Counter (QPRC) (Max 3
channels)
Dual Timer (32-/16-bit Down Counter)
Watch Counter
External Interrupt Controller Unit
Watchdog Timer (2 channels)
CRC (Cyclic Redundancy Check) Accelerator
SD Card Interface
Five clock sources (2 external oscillators, 2 internal CR
oscillator, and Main PLL) that are dynamically selectable.
Main clock: 4 MHz to 48 MHz
Sub Clock: 32.768 kHz
High-speed internal CR Clock: 4 MHz
Low-speed internal CR Clock: 100 kHz
Main PLL Clock
Resets
Reset requests from INITX pin
Power on reset
Software reset
Watchdog timers reset
Low voltage detector reset
Clock supervisor reset
Clock SuperVisor (CSV)
Low-Voltage Detector (LVD)
Low-power Consumption Modes
Sleep
Timer
RTC
Stop
Deep standby RTC (selectable from with/without RAM
retention)
Deep standby stop (selectable from with/without RAM
retention)
VBAT
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocells (ETM) provide
comprehensive debug and trace facilities.
Unique value of the device (41-bit) is set.
Power Supplies
Wide range voltage:
VCC
= 2.7 V to 5.5 V
Power supply for VBAT:
VBAT
= 2.7 V to 5.5 V


Similar Part No. - S6E2HE4E0AGV20000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S6E2HE SPANSION-S6E2HE Datasheet
4Mb / 163P
   fpu built-in
More results

Similar Description - S6E2HE4E0AGV20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H CYPRESS-S6E2H Datasheet
6Mb / 163P
   32-bit ARM 짰 Cortex 짰 -M4F FM4 Microcontroller
MB9BF465LQN-G-AVE2 CYPRESS-MB9BF465LQN-G-AVE2 Datasheet
6Mb / 163P
   32-bit ARM 짰 Cortex 짰 -M4F FM4 Microcontroller
logo
Princeton Technology Co...
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
   ARM 짰 Cortex??M0 Microcontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
   ARM 짰 Cortex??M0 Microcontroller
PT32U301 PTC-PT32U301 Datasheet
494Kb / 9P
   ARM 짰 Cortex??M0 Microcontroller
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
   32-bit ARM Cortex-M4F
logo
Princeton Technology Co...
PT32M621 PTC-PT32M621 Datasheet
131Kb / 2P
   ARM 짰 Cortex??M0 Micontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B460L CYPRESS-MB9B460L Datasheet
1Mb / 122P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com