Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6E2C49J0AGB10000 Datasheet(PDF) 4 Page - Texas Instruments

Part # S6E2C49J0AGB10000
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
Download  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

S6E2C49J0AGB10000 Datasheet(HTML) 4 Page - Texas Instruments

  S6E2C49J0AGB10000 Datasheet HTML 1Page - Texas Instruments S6E2C49J0AGB10000 Datasheet HTML 2Page - Texas Instruments S6E2C49J0AGB10000 Datasheet HTML 3Page - Texas Instruments S6E2C49J0AGB10000 Datasheet HTML 4Page - Texas Instruments S6E2C49J0AGB10000 Datasheet HTML 5Page - Texas Instruments S6E2C49J0AGB10000 Datasheet HTML 6Page - Texas Instruments S6E2C49J0AGB10000 Datasheet HTML 7Page - Texas Instruments S6E2C49J0AGB10000 Datasheet HTML 8Page - Texas Instruments S6E2C49J0AGB10000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 193 page
background image
Document Number: 002-04986 Rev.*A
Page 4 of 193
S6E2C4 Series
Programmable Cyclic Redundancy Check
(PRGCRC) Accelerator
The CRC accelerator helps a verify data transmission or
storage integrity.
CCITT CRC16, IEEE-802.3 CRC32 and generating
polynomial are supported.
CCITT CRC16 generator polynomial: 0x1021
IEEE-802.3 CRC32 generator polynomial: 0x04C11DB7
Generating polynomial
SD Card Interface
It is possible to use the SD card that conforms to the
following standards.
Part 1 Physical Layer Specification version 3.01
Part E1 SDIO Specification version 3.00
Part A2 SD Host Controller Standard Specification version
3.00
1-bit or 4-bit data bus
I
2S (Inter-IC Sound Bus) Interface (TX x 1 channel,
RX x 1 channel)
Supports three transfer protocols
I
2S
Left justified
DSP mode
Separate clock generation block for flexible system
integration options
Master/slave mode selectable
RX Only, TX Only or TX and RX simultaneous operation
selectable
Word length is programmable from 7-bits to 32 bits
RX/TX FIFO integrated (RX: 66 words x 32-bits, TX: 66
words x 32-bits)
DMA, interrupts, or polling based data transfer supported
High-Speed Quad SPI
Up to 66 MHz clock rates for very fast data transfers to and
from SPI compatible devices.
Up to 256 Mbytes of memory mapped address space.
Single data rate (SDR)
Supports single, dual, and quad data modes
Built-in direct mode and command sequencer mode
Direct mode: Access by use of transmission
FIFO/reception FIFO (up to16 word x 32 bit)
Command sequencer mode: Automatic access assigned to
external device area.
Clock and Reset
Clocks
Five clock sources (two external oscillators, two internal CR
oscillators, and Main PLL) that are dynamically selectable.
Main clock: 4 MHz to 48 MHz
Sub clock: 32.768 kHz
High-speed internal CR clock: 4 MHz
Low-speed internal CR clock: 100 kHz
Main PLL Clock
Resets
Reset requests from INITX pin
Power on reset
Software reset
Watchdog timer reset
Low-voltage detector reset
Clock supervisor reset
Clock Supervisor (CSV)
Clocks generated by internal CR oscillators are used to
supervise abnormality of the external clocks.
External OSC clock failure (clock stop) is detected, reset is
asserted.
External OSC frequency anomaly is detected, interrupt or
reset is asserted.
Low-Voltage Detector (LVD)
This Series include two-stage monitoring of voltage on the
VCC pins. when the voltage falls below the voltage that has
been set, the low-voltage detector function generates an
interrupt or reset.
LVD1: error reporting via interrupt
LVD2: auto-reset operation
Low-power Consumption Mode
Six low power consumption modes are supported.
Sleep
Timer
RTC
Stop
Deep standby RTC (selectable from with/without RAM
retention)
Deep standby stop (selectable from with/without RAM
retention)
Peripheral Clock Gating
The system can reduce the current consumption of the total
system with gating the operation clocks of peripheral
functions not used.


Similar Part No. - S6E2C49J0AGB10000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2C49J0AGB10000 CYPRESS-S6E2C49J0AGB10000 Datasheet
447Kb / 3P
   32-bit Microcontroller FM4 Family
More results

Similar Description - S6E2C49J0AGB10000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B460L CYPRESS-MB9B460L Datasheet
1Mb / 122P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
MB9B560R CYPRESS-MB9B560R Datasheet
3Mb / 169P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C1 CYPRESS-S6E2C1 Datasheet
4Mb / 191P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C5 CYPRESS-S6E2C5 Datasheet
5Mb / 200P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B360L CYPRESS-MB9B360L Datasheet
1Mb / 128P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com