Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRV3-55C30-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRV3-55C30-G
Description  SMD Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRV3-55C30-G Datasheet(HTML) 1 Page - Comchip Technology

  CZRV3-55C30-G Datasheet HTML 1Page - Comchip Technology CZRV3-55C30-G Datasheet HTML 2Page - Comchip Technology CZRV3-55C30-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Voltage: 2.4 to 39 Volts
Power: 200 mWatts
RoHS Device
Page 1
REV:A
Features
-Planar die construction.
-200mW power dissipation.
-Ideally suited for automated assembly
process.
-Ultra small surface mount package.
Mechanical data
-Case: SOT-323, Molded plastic
-Terminals: Solderable per MIL-STD-
202G,method 208
-Polarity: See diagram below
-Mounting position: Any
Marking: see table on page2
CZRV3-55C2V4-G Thru CZRV3-55C39-G
Parameter
Symbol
Value
Unit
Maximum Ratings (TA=25°C, unless otherwise specified)
0.9
V
VF
Forward voltage drop at IF=10mA (Note 2)
Dimensions in inches and (millimeter)
Power dissipation (Note 1)
200
PD
mW
QW-BZ015
SOT-323
625
oC/W
RθJA
Thermal resistance, junction to ambient air
Operating junction and storage temperature range
-65 to +150
TJ, TSTG
OC
SMD Zener Diodes
Comchip Technology CO., LTD.
0.087(2.20)
0.070(1.80)
0.054(1.35)
0.045(1.15)
0.056(1.40)
0.047(1.20)
1
2
3
0.006(0.15)
0.002(0.05)
0.087(2.20)
0.078(2.00)
0.004(0.10)min.
0.004(0.10)max.
0.044(1.10)
0.035(0.90)
0.016(0.40)
0.008(0.20)
Single
Note:
1. Valid provided that device terminals are kept at ambient temperature .
2. Tested with pulses, 300μS pulse width, 2% duty cycle.


Similar Part No. - CZRV3-55C30-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRV3-55C30 COMCHIP-CZRV3-55C30 Datasheet
61Kb / 3P
   SMD Zener Diodes
More results

Similar Description - CZRV3-55C30-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRH3-55C10-G COMCHIP-CZRH3-55C10-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C2V7-G COMCHIP-CZRV3-55C2V7-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C18-G COMCHIP-CZRV3-55C18-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C27-G COMCHIP-CZRV3-55C27-G Datasheet
80Kb / 3P
   SMD Zener Diodes
logo
Diotec Semiconductor
ZMD1-2P DIOTEC-ZMD1-2P Datasheet
125Kb / 2P
   SMD Zener Diodes
Z3SMC6.8 DIOTEC-Z3SMC6.8 Datasheet
140Kb / 2P
   SMD Zener Diodes
SZ3C1 DIOTEC-SZ3C1_18 Datasheet
147Kb / 2P
   SMD Zener Diodes
logo
Comchip Technology
CZRH3-55C2V4-G COMCHIP-CZRH3-55C2V4-G Datasheet
61Kb / 3P
   SMD Zener Diodes
CZRV3-55C20-G COMCHIP-CZRV3-55C20-G Datasheet
80Kb / 3P
   SMD Zener Diodes
logo
Diotec Semiconductor
ZMY1 DIOTEC-ZMY1_16 Datasheet
213Kb / 3P
   SMD Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com