Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9560601QSA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9560601QSA
Description  OCTAL TRANSCEIVERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9560601QSA Datasheet(HTML) 5 Page - Texas Instruments

  5962-9560601QSA Datasheet HTML 1Page - Texas Instruments 5962-9560601QSA Datasheet HTML 2Page - Texas Instruments 5962-9560601QSA Datasheet HTML 3Page - Texas Instruments 5962-9560601QSA Datasheet HTML 4Page - Texas Instruments 5962-9560601QSA Datasheet HTML 5Page - Texas Instruments 5962-9560601QSA Datasheet HTML 6Page - Texas Instruments 5962-9560601QSA Datasheet HTML 7Page - Texas Instruments 5962-9560601QSA Datasheet HTML 8Page - Texas Instruments 5962-9560601QSA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN54ABT2245, SN74ABT2245
OCTAL TRANSCEIVERS AND LINE/MOS DRIVERS
WITH 3-STATE OUTPUTS
SCBS234D – SEPTEMBER 1992 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT2245
SN74ABT2245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –1 mA
3.35
3.3
3.35
B port
VCC = 5 V,
IOH = –1 mA
3.85
3.8
3.85
B port
VCC =4 5V
IOH = –3 mA
3
3.1
VOH
VCC = 4.5 V
IOH = –12 mA
2.6
2.6
V
VOH
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
V
A port
VCC = 5 V,
IOH = –3 mA
3
3
3
A port
VCC =4 5V
IOH = –24 mA
2
2
VCC = 4.5 V
IOH = –32 mA
2*
2
B port
IOL = 8 mA
0.65
0.8
0.65
VOL
B port
VCC =4 5V
IOL = 12 mA
0.8
0.8
V
VOL
A port
VCC = 4.5 V
IOL = 48 mA
0.55
0.55
V
A port
IOL = 64 mA
0.55*
0.55
Vhys
100
mV
Control inputs
VCC = 0 to 5.5 V, VI = VCC or GND
±1
±1
±1
II
A or B ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
±20
±20
µA
IOZH‡
VCC = 2.1 V to 5.5 V,
VO = 2.7 V, OE ≥ 2 V
10
10
10
µA
IOZL‡
VCC = 2.1 V to 5.5 V,
VO = 0.5 V, OE ≥ 2 V
–10
–10
–10
µA
IOZPU§
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZPD§
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
Outputs high
VCC = 5.5 V,
VO = 5.5 V
50
50
50
µA
I ¶
B port
VCC =5 5V
VO =2 5V
–25
–100
–25
–100
–25
–100
mA
IO¶
A port
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
–50
–180
mA
VCC = 5.5 V,
Outputs high
1
250
250
250
µA
ICC
A or B ports
VCC = 5.5 V,
IO = 0,
Outputs low
24
32
32
32
mA
VI = VCC or GND
Outputs disabled
0.5
250
250
250
µA
Data inputs
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
1.5
1.5
1.5
∆ICC#
Data inputs
,
Other inputs at
VCC or GND
Outputs disabled
0.05
0.05
0.05
mA
Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
Ci
VI = 2.5 V or 0.5 V
3
pF
Cio
VO = 2.5 V or 0.5 V
6
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ This parameter is characterized but not production tested.
¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Similar Part No. - 5962-9560601QSA

ManufacturerPart #DatasheetDescription
logo
Micross Components
5962-9560001MMA MICROSS-5962-9560001MMA Datasheet
719Kb / 19P
   RoHS Compliant Options Available
5962-9560001MNA MICROSS-5962-9560001MNA Datasheet
719Kb / 19P
   RoHS Compliant Options Available
5962-9560001MTA MICROSS-5962-9560001MTA Datasheet
719Kb / 19P
   RoHS Compliant Options Available
5962-9560002MMA MICROSS-5962-9560002MMA Datasheet
719Kb / 19P
   RoHS Compliant Options Available
5962-9560002MNA MICROSS-5962-9560002MNA Datasheet
719Kb / 19P
   RoHS Compliant Options Available
More results

Similar Description - 5962-9560601QSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT2245 TI-SN54ABT2245 Datasheet
122Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABTR2245 TI1-SN54ABTR2245_13 Datasheet
672Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABTR2245 TI-SN54ABTR2245 Datasheet
129Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240 TI1-SN54BCT2240_15 Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com