Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34925 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM34925
Description  Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34925 Datasheet(HTML) 4 Page - Texas Instruments

  LM34925 Datasheet HTML 1Page - Texas Instruments LM34925 Datasheet HTML 2Page - Texas Instruments LM34925 Datasheet HTML 3Page - Texas Instruments LM34925 Datasheet HTML 4Page - Texas Instruments LM34925 Datasheet HTML 5Page - Texas Instruments LM34925 Datasheet HTML 6Page - Texas Instruments LM34925 Datasheet HTML 7Page - Texas Instruments LM34925 Datasheet HTML 8Page - Texas Instruments LM34925 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM34925
SNVS846F – JUNE 2012 – REVISED NOVEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN, UVLO to RTN
–0.3
100
V
SW to RTN
–1.5
VIN + 0.3
V
SW to RTN (100 ns transient)
–5
VIN + 0.3
V
BST to VCC
100
V
BST to SW
13
V
RON to RTN
–0.3
100
V
VCC to RTN
–0.3
13
V
FB to RTN
–0.3
5
V
Lead Temperature(2)
200
°C
Maximum Junction Temperature(3)
150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For verified specifications and test conditions, see the
Electrical Characteristics . The RTN pin is the GND reference electrically connected to the substrate.
(2)
See http://www.ti.com for other methods of soldering surface mount devices.
(3)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
kV
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
750
V
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN Voltage
7.5
100
V
Operating Junction Temperature(2)
–40
125
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For verified specifications and test conditions, see the
Electrical Characteristics . The RTN pin is the GND reference electrically connected to the substrate.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.4 Thermal Information
LM34925
THERMAL METRICS(1)
NGU
DDA
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
41.3
41.1
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
3.2
2.4
°C/W
ΨJB
Junction-to-board thermal characteristic parameter
19.2
24.4
°C/W
RθJB
Junction-to-board thermal resistance
19.1
30.6
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
34.7
37.3
°C/W
ΨJT
Junction-to-top thermal characteristic parameter
0.3
6.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM34925


Similar Part No. - LM34925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
More results

Similar Description - LM34925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
[Old version datasheet]   LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com