Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34923 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM34923
Description  80-V 600-mA Constant On-Time Buck Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34923 Datasheet(HTML) 1 Page - Texas Instruments

  LM34923 Datasheet HTML 1Page - Texas Instruments LM34923 Datasheet HTML 2Page - Texas Instruments LM34923 Datasheet HTML 3Page - Texas Instruments LM34923 Datasheet HTML 4Page - Texas Instruments LM34923 Datasheet HTML 5Page - Texas Instruments LM34923 Datasheet HTML 6Page - Texas Instruments LM34923 Datasheet HTML 7Page - Texas Instruments LM34923 Datasheet HTML 8Page - Texas Instruments LM34923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VOUT
RT/SD
FB
VIN
SW
RTN
BST
L1
C2
RFB2
RFB1
RT
C4
C3
6V - 75V
Input
LM34923
R3
C1
SHUTDOWN
GND
VCC
VIN
GND
UV
RUV2
RUV1
UVO
RUVO
UV STATUS
D1
LM34923
www.ti.com
SNVS695A – MARCH 2011 – REVISED FEBRUARY 2013
80-V 600-mA Constant On-Time Buck Switching Regulator
Check for Samples: LM34923
1
FEATURES
DESCRIPTION
The
LM34923
Step
Down
Switching
Regulator
2
Operating Input Voltage Range: 6V to 75V
features all of the functions needed to implement a
Integrated 80V, N-Channel Buck Switch
low cost, efficient Buck bias regulator. This high
Internal Start-up Regulator
voltage
regulator
contains
an
80V
N-Channel
MOSFET Switch and a startup regulator. The device
No Loop Compensation Required
is easy to implement and is provided in an 10-pin
Ultra-Fast Transient Response
VSSOP package. The regulator’s control scheme
Operating Frequency Remains Constant with
uses an on-time inversely proportional to VIN. This
Line and Load Variations
feature results in the operating frequency remaining
relatively constant with line and load variations. The
Adjustable Output voltage From 2.5V
control scheme requires no loop compensation,
Precision Internal Reference, ±2.5%
resulting in fast transient response. An intelligent
Intelligent Current Limit Reduces Foldback
current limit is implemented with a forced off-time
which is inversely proportional to VOUT. This scheme
Programmable Input UV Detector with Status
ensures short circuit control while providing minimum
Flag Output
foldback. Other features include: Thermal Shutdown,
Pre-charge Switch Enables Bootstrap Gate
VCC Under Voltage Lock-out, Max Duty Cycle
Drive with No Load
Limiter, a Pre-charge Switch, and a programmable
Thermal Shutdown
Under Voltage Detector with a status flag output.
10-Pin VSSOP Package
APPLICATIONS
Non-Isolated Telecommunication Buck
Regulator
Secondary High Voltage Post Regulator
+42V Automotive Systems
Typical Application, Basic Step-Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM34923

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34923 NSC-LM34923 Datasheet
621Kb / 12P
   EVAL evaluation board provides the design engineer with a fully
logo
Texas Instruments
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com