Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1484V33-200BGC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1484V33-200BGC
Description  2M x 36/4M x 18 Pipelined DCD SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1484V33-200BGC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1484V33-200BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1484V33-200BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1484V33-200BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1484V33-200BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1484V33-200BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1484V33-200BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1484V33-200BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1484V33-200BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1484V33-200BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
PRELIMINARY
CY7C1484V33
CY7C1485V33
Document #: 38-05285 Rev. *A
Page 5 of 29
Pin Configurations (continued)
CY7C1484V33 (2M × 36)–11 × 15 FBGA
165-ball Bump FBGA (This package is offered on an opportunity basis)
CY7C1485V33 (4M × 18)–11 × 15 FBGA
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC
NC
NC
NC
DPb
NC
DQb
ACE1
NC
CE3
BWb
BWE
ACE2
NC
DQb
DQb
MODE
NC
DQb
DQb
NC
NC
NC
A
A
VDDQ
NC
BWa
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
A
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
ATDI
ATMS
DQb
VSS
NC
VSS
DQb
NC
VSS
VSS
VSS
VSS
VSS
VSS
VSS
A1
DQb
NC
NC
NC
VDDQ
VSS
89
10
11
A
ADV
A
ADSC
A
OE
ADSP
A
144M
VSS
VDDQ
NC
DPa
VDDQ
VDD
NC
DQa
DQa
NC
NC
NC
DQa
NC
VDD
VDDQ
VDD
VDDQ
DQa
VDD
NC
VDD
NC
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
AA
AA
DQa
NC
NC
ZZ
DQa
NC
NC
DQa
A
VDDQ
2
3
456
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC
NC
DPc
DQc
DPd
NC
DQd
ACE1
BWb
CE3
BWc
BWE
ACE2
DQc
DQd
DQd
MODE
NC
DQc
DQc
DQd
DQd
DQd
A
A
VDDQ
BWd
BWa
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
A
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
ATDI
ATMS
DQc
VSS
DQc
VSS
DQc
DQc
VSS
VSS
VSS
VSS
VSS
VSS
VSS
A1
DQd
DQd
NC
NC
VDDQ
VSS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A144M
VSS
VDDQ
NC
DPb
VDDQ
VDD
DQb
DQb
DQb
NC
DQb
NC
DQa
DQa
VDD
VDDQ
VDD
VDDQ
DQb
VDD
NC
VDD
DQa
VDD
VDDQ
DQa
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQa
VDDQ
A
A
VSS
AA
AA
DQb
DQb
DQb
ZZ
DQa
DQa
DPa
DQa
A
VDDQ
Pin Definitions
Pin Name
I/O
Pin Description
A0
A1
A
Input-
Synchronous
Address Inputs used to select one of the address locations. Sampled at the rising edge
of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 are sampled active. A[1:0]
feed the two-bit counter.
BWa
BWb
BWc
BWd
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes to the
SRAM. Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on the rising edge of CLK, a
global write is conducted (ALL bytes are written, regardless of the values on BWa,b,c,d and
BWE).


Similar Part No. - CY7C1484V33-200BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484V33-200BZC CYPRESS-CY7C1484V33-200BZC Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33-200BZI CYPRESS-CY7C1484V33-200BZI Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33-200BZXC CYPRESS-CY7C1484V33-200BZXC Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33-200BZXI CYPRESS-CY7C1484V33-200BZXI Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1484V33-200BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com