Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRV3-55C15-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRV3-55C15-G
Description  SMD Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRV3-55C15-G Datasheet(HTML) 2 Page - Comchip Technology

  CZRV3-55C15-G Datasheet HTML 1Page - Comchip Technology CZRV3-55C15-G Datasheet HTML 2Page - Comchip Technology CZRV3-55C15-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(Ta = 25°C)
Page 2
REV:A
QW-BZ015
SMD Zener Diodes
Comchip Technology CO., LTD.
Nom.
Min.
Max.
ohm
mA
ohm
mA
uA
V
Min.
Max.
CZRV3-55C2V4
2.4
2.20
2.60
100
5.0
600
1.00
50.0
1.0
-3.5
0.0
KRB
CZRV3-55C2V7
2.7
2.50
2.90
100
5.0
600
1.00
20.0
1.0
-3.5
0.0
KRC
CZRV3-55C3V0
3.0
2.80
3.20
95
5.0
600
1.00
20.0
1.0
-3.5
0.0
KRD
CZRV3-55C3V3
3.3
3.10
3.50
95
5.0
600
1.00
5.0
1.0
-3.5
0.0
KRE
CZRV3-55C3V6
3.6
3.40
3.80
90
5.0
600
1.00
5.0
1.0
-3.5
0.0
KRF
CZRV3-55C3V9
3.9
3.70
4.10
90
5.0
600
1.00
3.0
1.0
-3.5
0.0
KRG
CZRV3-55C4V3
4.3
4.00
4.60
90
5.0
600
1.00
3.0
1.0
-3.5
0.0
KRH
CZRV3-55C4V7
4.7
4.40
5.00
80
5.0
600
1.00
3.0
2.0
-3.5
0.2
KR1
CZRV3-55C5V1
5.1
4.80
5.40
60
5.0
500
1.00
2.0
2.0
-2.7
1.2
KR2
CZRV3-55C5V6
5.6
5.20
6.00
40
5.0
480
1.00
1.0
2.0
-2.0
2.5
KR3
CZRV3-55C6V2
6.2
5.80
6.60
10
5.0
400
1.00
3.0
4.0
0.4
3.7
KR4
CZRV3-55C6V8
6.8
6.40
7.20
15
5.0
150
1.00
2.0
4.0
1.2
4.5
KR5
CZRV3-55C7V5
7.5
7.00
7.90
15
5.0
80
1.00
1.0
5.0
2.5
5.3
KR6
CZRV3-55C8v2
8.2
7.70
8.70
15
5.0
80
1.00
0.7
5.0
3.2
6.2
KR7
CZRV3-55C9v1
9.1
8.50
9.60
15
5.0
80
1.00
0.5
6.0
3.8
7.0
KR8
CZRV3-55C10
10.0
9.40
10.60
20
5.0
100
1.00
0.2
7.0
4.5
8.0
KR9
CZRV3-55C11
11.0
10.40
11.60
20
5.0
150
1.00
0.1
8.0
5.4
9.0
KP1
CZRV3-55C12
12.0
11.40
12.70
25
5.0
150
1.00
0.1
8.0
6.0
10.0
KP2
CZRV3-55C13
13.0
12.40
14.10
30
5.0
150
1.00
0.1
8.0
7.0
11.0
KP3
CZRV3-55C15
15.0
13.80
15.60
30
5.0
170
1.00
0.1
10.5
9.2
13.0
KP4
CZRV3-55C16
16.0
15.30
17.10
40
5.0
200
1.00
0.1
11.2
10.4
14.0
KP5
CZRV3-55C18
18.0
16.80
19.10
45
5.0
200
1.00
0.1
12.6
12.4
16.0
KP6
CZRV3-55C20
20.0
18.80
21.20
55
5.0
225
1.00
0.1
14.0
14.4
18.0
KP7
CZRV3-55C22
22.0
20.80
23.30
55
5.0
225
1.00
0.1
15.4
16.4
20.0
KP8
CZRV3-55C24
24.0
22.80
25.60
70
5.0
250
1.00
0.1
16.8
18.4
22.0
KP9
CZRV3-55C27
27.0
25.10
28.90
80
2.0
250
0.50
0.1
18.9
21.4
25.3
KPA
CZRV3-55C30
30.0
28.00
32.00
80
2.0
300
0.50
0.1
21.0
24.4
29.4
KPB
CZRV3-55C33
33.0
31.00
35.00
80
2.0
300
0.50
0.1
23.1
27.4
33.4
KPC
CZRV3-55C36
36.0
34.00
38.00
90
2.0
325
0.50
0.1
25.2
30.4
37.4
KPD
CZRV3-55C39
39.0
37.00
41.00
130
2.0
350
0.50
0.1
27.3
33.4
41.2
KPE
Marking
Code
Temperature Coefficient
of Zener Voltage
@IZT=5mA
(mV/
OC)
Part No.
Nominal Zener Voltage
Max. Zener Impedence
Max. Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR


Similar Part No. - CZRV3-55C15-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRV3-55C15 COMCHIP-CZRV3-55C15 Datasheet
61Kb / 3P
   SMD Zener Diodes
More results

Similar Description - CZRV3-55C15-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRH3-55C10-G COMCHIP-CZRH3-55C10-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C2V7-G COMCHIP-CZRV3-55C2V7-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C18-G COMCHIP-CZRV3-55C18-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C27-G COMCHIP-CZRV3-55C27-G Datasheet
80Kb / 3P
   SMD Zener Diodes
CZRV3-55C30-G COMCHIP-CZRV3-55C30-G Datasheet
80Kb / 3P
   SMD Zener Diodes
logo
Diotec Semiconductor
ZMD1-2P DIOTEC-ZMD1-2P Datasheet
125Kb / 2P
   SMD Zener Diodes
Z3SMC6.8 DIOTEC-Z3SMC6.8 Datasheet
140Kb / 2P
   SMD Zener Diodes
SZ3C1 DIOTEC-SZ3C1_18 Datasheet
147Kb / 2P
   SMD Zener Diodes
logo
Comchip Technology
CZRH3-55C2V4-G COMCHIP-CZRH3-55C2V4-G Datasheet
61Kb / 3P
   SMD Zener Diodes
CZRV3-55C20-G COMCHIP-CZRV3-55C20-G Datasheet
80Kb / 3P
   SMD Zener Diodes
logo
Diotec Semiconductor
ZMY1 DIOTEC-ZMY1_16 Datasheet
213Kb / 3P
   SMD Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com