Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM57300 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EM57300
Description  TINY CONTROLLER-BASED SOUND PROCESSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM57300 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EM57300 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM57300 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM57300 Datasheet HTML 9Page - List of Unclassifed Manufacturers EM57300 Datasheet HTML 10Page - List of Unclassifed Manufacturers EM57300 Datasheet HTML 11Page - List of Unclassifed Manufacturers EM57300 Datasheet HTML 12Page - List of Unclassifed Manufacturers EM57300 Datasheet HTML 13Page - List of Unclassifed Manufacturers EM57300 Datasheet HTML 14Page - List of Unclassifed Manufacturers EM57300 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
EM57000 SERIES
TINY CONTROLLER-BASED
SOUND PROCESSOR
* This specification are subject to be changed without notice.
11
3.19.2002
EASY SOUND -
PAD DIAGRAM
Chip Size : 1900um x 2400um
Note : For PCB layout, IC substrate must be connected to Vss.
Pad No.
Symbol
X
Y
7
VDD
-738.1
-426.7
8
VO
-764.2
-592.4
9
P3.3
-764.2
-972.5
10
P3.2
-626.2
-972.5
11
P3.1
-491.4
-968.3
12
P3.0
-353.5
-968.3
13
P2.3
-217.9
-968.3
14P2.2
-72.9
-968.3
15
P2.1
62.8
-968.3
16
P2.0
207.8
-968.3
17
P1.3
343.4
-969.7
18
P1.2
482.0
-969.7
19
P1.1
616.1
-969.7
20
P1.0
754.7
-969.7
21
GND
733.1
-792.0
22
OSC
737.2
-637.0
23
TEST
737.2
-492.8
7
8
910
11
12
13
14
15
17
18
19
20
21
22
23
TEST
OSC
GND
P1.0
P1.1
P1.2
P1.3
P2.0
P2.1
P2.2
P2.3
P3.0
P3.1
P3.2
P3.3
VO
VDD
(0,0)
16
EM57400


Similar Part No. - EM57300

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM572KHZ EUROQUARTZ-EM572KHZ Datasheet
136Kb / 1P
   7 x 5 x 2.3mm SMD, kHz Range
EM572MHZ EUROQUARTZ-EM572MHZ Datasheet
136Kb / 1P
   7 x 5 x 2.3mm SMD, MHz Range
EM572T EUROQUARTZ-EM572T Datasheet
124Kb / 1P
   CMOS 7 x 5 x 2.3mm SMD, MHz Range 1.25MHz to 40.0MHz
EM57K EUROQUARTZ-EM57K Datasheet
136Kb / 1P
   ULTRA-LOW CURRENT
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
More results

Similar Description - EM57300

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
   TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
EM58P300 EMC-EM58P300 Datasheet
39Kb / 4P
   TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
   TINY CONTROLLER-BASED SYNTHESIZER
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
   TINY CONTROLLER-BASED SYNTHESIZER
EM56000A EMC-EM56000A Datasheet
202Kb / 13P
   TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
   tiny-controller-based voice synthesizer IC
logo
ELAN Microelectronics C...
EM60000 EMC-EM60000 Datasheet
209Kb / 13P
   STEREO FOUR CHANNEL 8 BIT BASED SOUND PROCESSOR
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
   TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
logo
AAEON Technology
AEC-6620 AAEON-AEC-6620 Datasheet
340Kb / 2P
   Fanless Tiny Embedded Controller With Intel Atom??Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com