Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25101BSDX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM25101BSDX/NOPB
Description  3A, 2A, and 1A 80V Half-Bridge Gate Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25101BSDX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM25101BSDX/NOPB Datasheet HTML 1Page - Texas Instruments LM25101BSDX/NOPB Datasheet HTML 2Page - Texas Instruments LM25101BSDX/NOPB Datasheet HTML 3Page - Texas Instruments LM25101BSDX/NOPB Datasheet HTML 4Page - Texas Instruments LM25101BSDX/NOPB Datasheet HTML 5Page - Texas Instruments LM25101BSDX/NOPB Datasheet HTML 6Page - Texas Instruments LM25101BSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM25101BSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM25101BSDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM25101A, LM25101B, LM25101C
www.ti.com
SNVS859B – JULY 2012 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD =
VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BOOT STRAP DIODE
VDL
Low-Current Forward Voltage
IVDD-HB = 100 µA
0.52
0.85
V
VDH
High-Current Forward Voltage
IVDD-HB = 100 mA
0.8
1
V
RD
Dynamic Resistance LM25101A/B/C
IVDD-HB = 100 mA
1.0
1.65
LO & HO GATE DRIVER
VOL
Low-Level Output Voltage LM25101A
IHO = ILO = 100 mA
0.12
0.25
Low-Level Output Voltage LM25101B
0.16
0.4
V
Low-Level Output Voltage LM25101C
0.28
0.65
VOH
High-Level Output Voltage LM25101A
IHO = ILO = 100 mA
0.24
0.45
VOH = VDD– LO or
High-Level Output Voltage LM25101B
0.28
0.60
V
VOH = HB - HO
High-Level Output Voltage LM25101C
0.60
1.10
IOHL
Peak Pullup Current LM25101A
HO, LO = 0V
3
Peak Pullup Current LM25101B
2
A
Peak Pullup Current LM25101C
1
IOLL
Peak Pulldown Current LM25101A
HO, LO = 12V
3
Peak Pulldown Current LM25101B
2
A
Peak Pulldown Current LM25101C
1
THERMAL RESISTANCE
θJA
Junction to Ambient (2)
SOIC-8
170
SO power Pad-8
40
WSON-8
40
°C/W
WSON-10
40
Msop Power Pad-8
80
(2)
The
θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25101A LM25101B LM25101C


Similar Part No. - LM25101BSDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25101BSDX/NOPB TI-LM25101BSDX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
LM25101BSDX/NOPB TI1-LM25101BSDX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Half-Bridge Gate Drivers
More results

Similar Description - LM25101BSDX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25101A TI-LM25101A Datasheet
1Mb / 25P
[Old version datasheet]   LM25101A/B/C 3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Monolithic Power System...
MP1906 MPS-MP1906 Datasheet
321Kb / 11P
   80V, Half-Bridge, Gate Driver
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
[Old version datasheet]   Half-Bridge Gate Drivers
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
logo
Intersil Corporation
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com