Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3500TLX-16/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3500TLX-16/NOPB
Description  LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3500TLX-16/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3500TLX-16/NOPB Datasheet HTML 6Page - Texas Instruments LM3500TLX-16/NOPB Datasheet HTML 7Page - Texas Instruments LM3500TLX-16/NOPB Datasheet HTML 8Page - Texas Instruments LM3500TLX-16/NOPB Datasheet HTML 9Page - Texas Instruments LM3500TLX-16/NOPB Datasheet HTML 10Page - Texas Instruments LM3500TLX-16/NOPB Datasheet HTML 11Page - Texas Instruments LM3500TLX-16/NOPB Datasheet HTML 12Page - Texas Instruments LM3500TLX-16/NOPB Datasheet HTML 13Page - Texas Instruments LM3500TLX-16/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
0
2
4
6
8 10 12 14 16 18 20 22
VOUT (V)
T = -40qC
T = 125qC
T = 25qC
0
50
100
150
200
250
300
350
400
-40
-15
10
35
60
85
INPUT VOLTAGE (V)
240
260
280
300
320
340
360
380
400
420
440
= 3.0V
IN
V
= 4.2V
IN
V
= 5.5V
IN
V
-40
-15
10
35
60
85
TEMPERATURE (ºC)
500
600
700
800
900
1000
1100
1200
1300
VIN = 3.0V
VIN = 4.2V
VIN = 5.5V
-40
-15
10
35
60
85
TEMPERATURE (ºC)
450
500
550
600
650
700
750
800
850
VIN = 3.0V
VIN = 4.2V
VIN = 5.5V
LM3500
SNVS231G – AUGUST 2003 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Switch Current Limit
Switch Current Limit
vs
vs
Temperature
Temperature
LM3500-21, VOUT=12V
LM3500-21, VOUT=12V
Figure 20.
Figure 21.
Switch Current Limit
vs
Oscillator Frequency
Temperature
vs
LM3500-21, VOUT=18V
VIN
Figure 22.
Figure 23.
VOUT DC Bias
VOUT DC Bias
vs
vs
VOUT Voltage: LM3500-16
VOUT Voltage: LM3500-21
Figure 24.
Figure 25.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM3500


Similar Part No. - LM3500TLX-16/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3500TLX-16 NSC-LM3500TLX-16 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
More results

Similar Description - LM3500TLX-16/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com