Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3500TL-21/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3500TL-21/NOPB
Description  LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3500TL-21/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3500TL-21/NOPB Datasheet HTML 5Page - Texas Instruments LM3500TL-21/NOPB Datasheet HTML 6Page - Texas Instruments LM3500TL-21/NOPB Datasheet HTML 7Page - Texas Instruments LM3500TL-21/NOPB Datasheet HTML 8Page - Texas Instruments LM3500TL-21/NOPB Datasheet HTML 9Page - Texas Instruments LM3500TL-21/NOPB Datasheet HTML 10Page - Texas Instruments LM3500TL-21/NOPB Datasheet HTML 11Page - Texas Instruments LM3500TL-21/NOPB Datasheet HTML 12Page - Texas Instruments LM3500TL-21/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
200
300
400
500
600
700
800
900
1000
1100
2.5
3.0 3.5
4.0
4.5 5.0
5.5
6.0
6.5
INPUT VOLTAGE (V)
VOUT = 18V
VOUT = 8V
V O
UT
=
12
V
VO
UT
= 1
5V
LM3500
www.ti.com
SNVS231G – AUGUST 2003 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Output Power
Output Power
vs
vs
VIN: LM3500-16
Temperature: LM3500-16
(L = Coilcraft DT1608C-223)
(L = Coilcraft DT1608C-223)
Figure 14.
Figure 15.
Switch Current Limit
Switch Current Limit
vs
vs
Temperature
VIN: LM3500-16
LM3500-16, VOUT=8V
Figure 16.
Figure 17.
Switch Current Limit
vs
Switch Current Limit
Temperature
vs
LM3500-16, VOUT=12V
VIN: LM3500-21
Figure 18.
Figure 19.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3500


Similar Part No. - LM3500TL-21/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3500TL-21 NSC-LM3500TL-21 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
More results

Similar Description - LM3500TL-21/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com