Electronic Components Datasheet Search |
|
UA78L08CDR Datasheet(PDF) 5 Page - Texas Instruments |
|
UA78L08CDR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 20 page μA78L00 www.ti.com SLVS010U – JANUARY 1976 – REVISED MAY 2011 uA78L06 Electrical Characteristics at specified virtual junction temperature, VI = 12 V, IO = 40 mA (unless otherwise noted) μA78L06C μA78L06AC PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX MIN TYP MAX 25°C 5.7 6.2 6.7 5.95 6.2 6.45 VI = 8.5 V to 20 V, IO = 1 mA to 40 mA Output voltage 0°C to 125°C 5.6 6.8 5.9 6.5 V IO = 1 mA to 70 mA 0°C to 125°C 5.6 6.8 5.9 6.5 VI = 8.5 V to 20 V 35 200 35 175 Input voltage 25°C mV regulation VI = 9 V to 20 V 29 150 29 125 VI = 10 V to 20 V, Ripple rejection 25°C 39 48 40 48 dB f = 120 Hz IO = 1 mA to 100 mA 16 80 16 80 Output voltage 25°C mV regulation IO = 1 mA to 40 mA 9 40 9 40 Output noise f = 10 Hz to 100 kHz 25°C 46 46 μV voltage Dropout voltage 25°C 1.7 1.7 V 25°C 3.9 6 3.9 6 Bias current mA 125°C 5.5 5.5 VI = 9 V to 20 V 1.5 1.5 Bias current 0°C to 125°C mA change IO = 1 mA to 40 mA 0.2 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. uA78L08 Electrical Characteristics at specified virtual junction temperature, VI = 14 V, IO = 40 mA (unless otherwise noted) μA78L08C μA78L08AC PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX MIN TYP MAX 25°C 7.36 8 8.64 7.7 8 8.3 VI = 10.5 V to 23 V, IO = 1 mA to 40 mA Output voltage 0°C to 125°C 7.2 8.8 7.6 8.4 V IO = 1 mA to 70 mA 0°C to 125°C 7.2 8.8 7.6 8.4 VI = 10.5 V to 23 V 42 200 42 175 Input voltage 25°C mV regulation VI = 11 V to 23 V 36 150 36 125 VI = 13 V to 23 V, Ripple rejection 25°C 36 46 37 46 dB f = 120 Hz IO = 1 mA to 100 mA 18 80 18 80 Output voltage 25°C mV regulation IO = 1 mA to 40 mA 10 40 10 40 Output noise f = 10 Hz to 100 kHz 25°C 54 54 μV voltage Dropout voltage 25°C 1.7 1.7 V 25°C 4 6 4 6 Bias current mA 125°C 5.5 5.5 VI = 11 V to 23 V 1.5 1.5 Bias current 0°C to 125°C mA change IO = 1 mA to 40 mA 0.2 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. Copyright © 1976–2011, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links :μA78L00 |
Similar Part No. - UA78L08CDR |
|
Similar Description - UA78L08CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |