Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3432 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3432
Description  6-Channel Current Regulator for LED Backlight Application
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3432 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3432 Datasheet HTML 6Page - Texas Instruments LM3432 Datasheet HTML 7Page - Texas Instruments LM3432 Datasheet HTML 8Page - Texas Instruments LM3432 Datasheet HTML 9Page - Texas Instruments LM3432 Datasheet HTML 10Page - Texas Instruments LM3432 Datasheet HTML 11Page - Texas Instruments LM3432 Datasheet HTML 12Page - Texas Instruments LM3432 Datasheet HTML 13Page - Texas Instruments LM3432 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
CMODE =
1.65 x 10
-5
fPWM
where CMODE is in Farads
fPWM =
1.65 x 10
-5
CMODE
where fPWM is in Hz
+
-
+
-
-
3V
-
Comp2
1V
1V
3V
Ramp
Generator
VDIM
1V to 3V
MODE
DIM
CMODE
VCC
PWM
Modulator
34 PA
PWM
Comp1
+
-
LM3432, LM3432B
SNVS498D – APRIL 2007 – REVISED MAY 2013
www.ti.com
Figure 14. Analog Dimming of LEDs
An internal current source of 34 µA (typical) will charge the external capacitor (CMODE) linearly until it reaches 3V.
The comparator (Comp1) then forces CMODE to be discharged to 1V very quickly. By repeating the cycle, a saw-
tooth waveform as shown in Figure 14 is generated. Comparator (Comp2) compares this ramp waveform with
the external dc voltage at the DIM pin generating the desired PWM control signal.
When VDIM ≤ 1V, ON duty factor, DON = 0% and when VDIM ≥ 3V, DON = 100%. The frequency of the PWM
control signal can be calculated as shown below.
(2)
Or
(3)
PWM DIGITAL DIMMING of LED STRINGS
Alternatively, the dimming control can be implemented by direct application of a digital signal to the device. With
the MODE pin connected to ground, an externally applied PWM dimming signal is applied to the DIM pin. The
peak amplitude of the externally applied PWM signal should be greater than 1.5V to ensure clean PWM
switching.
During PWM dimming, channels are not switched simultaneously in an effort to minimize large surge currents
from being drawn from the LED supply rail. Each channel will have 0.5 µs phase delay with respect to the
preceding channel. As a consequence of the phase delay, for a control pulse width less than 0.5 µs, the duty
cycle will be rounded down to 0% and for a control pulse width less than 0.5 µs off time, the duty cycle will be
rounded up to 100%. Therefore, 0.5µs becomes the finest pulse width resolution that can be realized. The PWM
switching timing for all six channels is shown in Figure 15.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3432 LM3432B


Similar Part No. - LM3432

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3432 NSC-LM3432 Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
LM3432 NSC-LM3432 Datasheet
2Mb / 16P
   LED Backlighting Solution with LM3430 and LM3432
LM3432B NSC-LM3432B Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
LM3432BSQ NSC-LM3432BSQ Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
LM3432BSQE NSC-LM3432BSQE Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
More results

Similar Description - LM3432

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3432 NSC-LM3432 Datasheet
406Kb / 18P
   6-Channel Current Regulator for LED Backlight Application
logo
ams AG
AS3823 AMSCO-AS3823 Datasheet
123Kb / 2P
   6-channel white LED controller for LCD backlight
6??2??7
logo
List of Unclassifed Man...
WT7220 ETC2-WT7220 Datasheet
85Kb / 4P
   Current Regulator for LED
logo
STMicroelectronics
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
   6-row 32 mA LED driver with boost regulator for LCD panel backlight
logo
New Japan Radio
NJW4610 NJRC-NJW4610 Datasheet
153Kb / 1P
   Constant Current Type White LED Driver for Backlight
logo
MagnaChip Semiconductor...
MAP3511 MGCHIP-MAP3511 Datasheet
1Mb / 14P
   Average Current Control Buck Controller for LED Backlight
logo
Princeton Technology Co...
PT6913AB PTC-PT6913AB Datasheet
266Kb / 4P
   Current Regulator for HV LED
logo
Kyocera Kinseki Corpota...
T-55787GD104J-LW-AGN KSS-T-55787GD104J-LW-AGN Datasheet
629Kb / 26P
   10.4 inch SVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
February 24, 2014
TCG121XGLPBPNN-AN40 KSS-TCG121XGLPBPNN-AN40 Datasheet
513Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
TCG062HVLDA-G20 KSS-TCG062HVLDA-G20 Datasheet
491Kb / 22P
   6.2 inch HVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com