Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3430 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3430
Description  Boost Controller for LED Backlighting
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3430 Datasheet(HTML) 2 Page - Texas Instruments

  LM3430 Datasheet HTML 1Page - Texas Instruments LM3430 Datasheet HTML 2Page - Texas Instruments LM3430 Datasheet HTML 3Page - Texas Instruments LM3430 Datasheet HTML 4Page - Texas Instruments LM3430 Datasheet HTML 5Page - Texas Instruments LM3430 Datasheet HTML 6Page - Texas Instruments LM3430 Datasheet HTML 7Page - Texas Instruments LM3430 Datasheet HTML 8Page - Texas Instruments LM3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1
2
3
4
8
7
5
9
10
VIN
FB
COMP
VCC
OUT
GND
UVLO
CS
RT
SS
6
VDHC
11
12
NC
DAP
LM3430
SNVS472B – JANUARY 2007 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. 12-Lead WSON Package
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
This pin accepts a control signal from LM3432 to adjust the output voltage
1
VDHC
Proprietary control input from LM3432
in real time.
2
VIN
Source input voltage
Input to the start-up regulator. Operates from 6V to 40V.
Inverting input to the internal voltage error amplifier. The non-inverting input
3
FB
Feedback pin
of the error amplifier connects to a 1.25V reference.
Error amplifier output and PWM
The control loop compensation components connect between this pin and
4
COMP
comparator input
the FB pin.
Output of the internal, high voltage
This pin should be bypassed to the GND pin with a ceramic capacitor.
5
VCC
linear regulator.
6
OUT
Output of gate driver
Connect this pin to the gate of the external MOSFET. The gate driver has a
1A peak current capability.
7
GND
System ground
Set the start-up and shutdown levels by connecting this pin to the input
8
UVLO
Input Under-Voltage Lock-out
voltage through a resistor divider. A 20 µA current source provides
hysteresis.
Current Sense input
Input for the switch current sensing used for current mode control and for
9
CS
current limiting.
An external resistor connected from this pin to GND sets the oscillator
Oscillator frequency adjust pin and
10
RT/SYNC
frequency. This pin can also accept an ac-coupled input for synchronization
synchronization input
from an external clock.
An external capacitor placed from this pin to ground will be charged by a
11
SS
Soft-start pin
10 µA current source, creating a ramp voltage to control the regulator start-
up.
12
NC
No-connect
Leave this pin open-circuit.
DAP
EP
Exposed Pad
Thermal connection pad, connect to GND.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3430


Similar Part No. - LM3430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3430 NSC-LM3430 Datasheet
2Mb / 16P
   LED Backlighting Solution with LM3430 and LM3432
LM3430 NSC-LM3430_07 Datasheet
2Mb / 16P
   LED Backlighting Solution with LM3430 and LM3432
More results

Similar Description - LM3430

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
logo
Leadtrend Technology
LD5857 LEADTREND-LD5857 Datasheet
1Mb / 12P
   Boost Controller for LED Backlight
LD5850 LEADTREND-LD5850 Datasheet
398Kb / 11P
   Boost Controller for LED Backlight
LD5861 LEADTREND-LD5861 Datasheet
505Kb / 11P
   Boost Controller for LED Backlight
logo
ON Semiconductor
CAT4026 ONSEMI-CAT4026 Datasheet
107Kb / 2P
   6-Channel LED Controller with Fault Diagnostics for Large Panel LED Backlighting
February, 2010 ??Rev. 2
logo
Linear Technology
LT3797EUKG LINER-LT3797EUKG Datasheet
454Kb / 8P
   Triple LED Boost Controller
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com