Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3406MH Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3406MH
Description  Constant Current, Buck Regulator for Driving High Power LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3406MH Datasheet(HTML) 3 Page - Texas Instruments

  LM3406MH Datasheet HTML 1Page - Texas Instruments LM3406MH Datasheet HTML 2Page - Texas Instruments LM3406MH Datasheet HTML 3Page - Texas Instruments LM3406MH Datasheet HTML 4Page - Texas Instruments LM3406MH Datasheet HTML 5Page - Texas Instruments LM3406MH Datasheet HTML 6Page - Texas Instruments LM3406MH Datasheet HTML 7Page - Texas Instruments LM3406MH Datasheet HTML 8Page - Texas Instruments LM3406MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LM3406, LM3406HV, LM3406HV-Q1
www.ti.com
SNVS512E – SEPTEMBER 2008 – REVISED MARCH 2014
4 ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the Texas Instruments Semiconductor Sales Office/
Distributors for availability and specifications.
LM3406
–-0.3V to 45V
VIN to GND
LM3406HV, LM3406HV-Q1
–-0.3V to 76V
LM3406
–-0.3V to 45V
VINS to GND
LM3406HV, LM3406HV-Q1
–-0.3V to 76V
LM3406
–-0.3V to 45V
VOUT to GND
LM3406HV, LM3406HV-Q1
–-0.3V to 76V
LM3406
–-0.3V to 59V
BOOT to GND
LM3406HV, LM3406HV-Q1
–-0.3V to 76V
LM3406
–1.5V to 45V
SW to GND
LM3406HV, LM3406HV-Q1
–1.5V to 76V
LM3406
–-0.3V to 45V
BOOT to VCC
LM3406HV, LM3406HV-Q1
–-0.3V to 76V
BOOT to SW
–-0.3V to 14V
VCC to GND
–-0.3V to 14V
DIM to GND
–-0.3V to 7V
COMP to GND
–-0.3V to 7V
CS to GND
–-0.3V to 7V
RON to GND
–-0.3V to 7V
Junction Temperature
150°C
Storage Temp. Range
-65°C to 125°C
ESD Rating (2)
2kV
Soldering Information
Lead Temperature (Soldering, 10sec)
260°C
Infrared/Convection Reflow (15sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate
conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
5 RECOMMENDED OPERATING CONDITIONS
(1)
LM3406
6V to 42V
VIN
LM3406HV, LM3406HV-Q1
6V to 75V
LM3406, LM3406HV
−40°C to +125°C
Junction Temperature Range
LM3406HV-Q1
−40°C to +150°C
Ambient Temperature Range
LM3406HV-Q1(2)
−40°C to +125°C
Thermal Resistance
θJA (TSSOP-14 Package)
(3)
50°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate
conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
The LM3406HV-Q1 can operate at an ambient temperature of up to +125°C as long as the junction temperature maximum of +150°C is
not exceeded.
(3)
θJA of 50°C/W with DAP soldered to a minimum of 2 square inches of 1-oz. copper on the top or bottom PCB layer.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3406 LM3406HV LM3406HV-Q1


Similar Part No. - LM3406MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3406MH NSC-LM3406MH Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406MH NSC-LM3406MH Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406MHX NSC-LM3406MHX Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406MHX NSC-LM3406MHX Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3406MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com