Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1485V33-250BGC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1485V33-250BGC
Description  2M x 36/4M x 18 Pipelined DCD SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1485V33-250BGC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1485V33-250BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1485V33-250BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1485V33-250BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1485V33-250BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1485V33-250BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1485V33-250BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1485V33-250BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1485V33-250BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1485V33-250BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PRELIMINARY
CY7C1484V33
CY7C1485V33
Document #: 38-05285 Rev. *A
Page 2 of 29
Logic Block Diagram
CY7C1484V33–2M × 36
CY7C1485V33–4M × 18
CLK
ADV
ADSC
A[20:0]
GW
BWE
BW d
BW
c
BWb
BWa
CE1
CE3
CE2
OE
ZZ
BURST
COUNTER
ADDRESS
REGISTER
OUTPUT
REGISTERS
INPUT
REGISTERS
2M × 36
MEMORY
ARRAY
CLK
CLK
Q0
Q1
Q
D
CE
CE
CLR
SLEEP
CONTROL
36
36
21
19
19
21
(A[1;0])
2
MODE
ADSP
DQa,b,c,d
DPa,b,c,d
DQd, DPd
BYTEWRITE
REGISTERS
DQ
DQc, DPc
BYTEWRITE
REGISTERS
DQ
DQ
DQb, DPb
BYTEWRITE
REGISTERS
DQa, DPa
BYTEWRITE
REGISTERS
DQ
ENABLE CE
REGISTER
DQ
ENABLE DELAY
REGISTER
DQ
CLK
ADV
ADSC
A[21:0]
GW
BWE
BW b
BW
a
CE1
CE3
CE2
OE
ZZ
BURST
COUNTER
ADDRESS
REGISTER
OUTPUT
REGISTERS
INPUT
REGISTERS
MEMORY
ARRAY
CLK
CLK
Q0
Q1
Q
D
CE
CE
CLR
SLEEP
CONTROL
18
18
22
20
20
22
(A[1;0])
2
MODE
ADSP
DQa,b
DPa,b
DQb, DPb
BYTEWRITE
REGISTERS
DQ
DQa, DPa
BYTEWRITE
REGISTERS
DQ
ENABLE CE
REGISTER
DQ
ENABLE DELAY
REGISTER
DQ
CE
4M × 18


Similar Part No. - CY7C1485V33-250BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1485V33-250BZC CYPRESS-CY7C1485V33-250BZC Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1485V33-250BZI CYPRESS-CY7C1485V33-250BZI Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1485V33-250BZXC CYPRESS-CY7C1485V33-250BZXC Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1485V33-250BZXI CYPRESS-CY7C1485V33-250BZXI Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1485V33-250BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com