Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM150QML Datasheet(PDF) 4 Page - Texas Instruments

Part # LM150QML
Description  3-Amp Adjustable Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM150QML Datasheet(HTML) 4 Page - Texas Instruments

  LM150QML Datasheet HTML 1Page - Texas Instruments LM150QML Datasheet HTML 2Page - Texas Instruments LM150QML Datasheet HTML 3Page - Texas Instruments LM150QML Datasheet HTML 4Page - Texas Instruments LM150QML Datasheet HTML 5Page - Texas Instruments LM150QML Datasheet HTML 6Page - Texas Instruments LM150QML Datasheet HTML 7Page - Texas Instruments LM150QML Datasheet HTML 8Page - Texas Instruments LM150QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
OBSOLETE
LM150QML
SNVS383B – MARCH 2006 – REVISED APRIL 2013
www.ti.com
LM150 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
DC:
VDiff = 5V, VO = V
Ref, I
O = 1.5A.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VRef
1.2
1.3
V
1, 2, 3
VDiff = 3.0V, IL = 10mA
1.2
1.3
V
1, 2, 3
VDiff = 3.0V, IL = 3.0A
1.2
1.3
V
1, 2, 3
Reference Voltage
VDiff = 35V, IL = 10mA
1.2
1.3
V
1, 2, 3
VDiff = 10V, IL = 3.0A
See(1)
1.2
1.3
V
1, 2, 3
VDiff = 30V, IL = 300mA
1.2
1.3
V
1, 2, 3
VLine
See(2)(3)
-3.8
3.8
mV
1
Line Regulation
3V
≤ VDiff ≤ 35V, ILoad = 10mA
See(2)(3)
-19.0
19.0
mV
2, 3
VLoad
See(3)(4)(5)
-3.6
3.6
mV
1
10mA
≤ IL ≤ 3A, VO = VRef
See(3)(4)(5)
-12.0
12.0
mV
2, 3
See(3)
-2.0
2.0
mV
1
Load Regulation
VDiff = 30V, 10mA ≤ IL ≤ 300mA
See(3)
-5.0
5.0
mV
2, 3
See(3)(4)(6)
-15.0
15.0
mV
1
10mA
≤ IL ≤ 3A, VO = 5.0V
See(3)(4)(6)
-50.0
50.0
mV
2, 3
TReg
Thermal Regulation
t = 20mS
See(7)
-9.75
9.75
mV
1
IAdj
100
µA
1, 2, 3
Adjust Pin Current
VDiff = 35V, IO = 10mA
100
µA
1, 2, 3
IQ
5.0
mA
1, 2, 3
Quiescent Current
VDiff = 35V
5.0
mA
1, 2, 3
ΔIAdj
3V
≤ VDiff ≤ 35V IO = 10mA
-5.0
5.0
µA
1, 2, 3
Delta Adjustment Current
10mA
≤ IL ≤ 3A
-5.0
5.0
µA
1, 2, 3
VDiff = 30V, 10mA ≤ IL ≤ 300mA
-5.0
5.0
µA
1, 2, 3
VDiff = 10V
3.0
A
1, 2, 3
Current Limit
VDiff = 30V
0.3
A
1, 2, 3
ΔVO / Δt
TA = +125°C, t = 1000 Hrs,
Long Term Stability
See(8)
1.0
%/VO
2
VDiff = 3.0V, IL = 10mA
VDrop
Voltage Dropout
VDiff = 2.9V, IL = 3A
-100
100
mV
1, 2, 3
(1)
Represents worst case power dissipation of 30W.
(2)
Limits = 0.01% of VO @ 25°C, 0.05% @ −55°C, +125°C per volt of VDiff change at VO = VRef.
(3)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
(4)
These VO conditions are worst case
(5)
Limits are equivalent to 15mV @ 25°C and 50mV @
−55°C, +125°C @ VO = 5.0V.
(6)
Limits = 0.3% of VO @ 25°C, 1.0% @ −55°C, +125°C @ VO = 5.0V.
(7)
Limits = 0.01% of VO @ 25°C per Watt of power dissipation at PD = 7.5W.
(8)
Periodic Group C testing.
LM150 Electrical Characteristics AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
RR
ƒ = 120 Hz, eI = 1VRMS,
Ripple Rejection
66
dB
4, 5, 6
CAdj = 10µF, VO = 10V
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM150QML


Similar Part No. - LM150QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
More results

Similar Description - LM150QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com