Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM150GMD8 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM150GMD8
Description  3-Amp Adjustable Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM150GMD8 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM150GMD8 Datasheet HTML 3Page - Texas Instruments LM150GMD8 Datasheet HTML 4Page - Texas Instruments LM150GMD8 Datasheet HTML 5Page - Texas Instruments LM150GMD8 Datasheet HTML 6Page - Texas Instruments LM150GMD8 Datasheet HTML 7Page - Texas Instruments LM150GMD8 Datasheet HTML 8Page - Texas Instruments LM150GMD8 Datasheet HTML 9Page - Texas Instruments LM150GMD8 Datasheet HTML 10Page - Texas Instruments LM150GMD8 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OBSOLETE
LM150QML
www.ti.com
SNVS383B – MARCH 2006 – REVISED APRIL 2013
APPLICATION HINTS
In operation, the LM150 develops a nominal 1.25V reference voltage, VRef, between the output and adjustment
terminal. The reference voltage is impressed across program resistor R1 and, since the voltage is constant, a
constant current I1 then flows through the output set resistor R2, giving an output voltage of
(1)
Since the 50
μA current from the adjustment terminal represents an error term, the LM150 was designed to
minimize IAdj and make it very constant with line and load changes. To do this, all quiescent operating current is
returned to the output establishing a minimum load current requirement. If there is insufficient load on the output,
the output will rise.
EXTERNAL CAPACITORS
An input bypass capacitor is recommended. A 0.1
μF disc or 1 μF solid tantalum on the input is suitable input
bypassing for almost all applications. The device is more sensitive to the absence of input bypassing when
adjustment or output capacitors are used but the above values will eliminate the possibility of problems.
The adjustment terminal can be bypassed to ground on the LM150 to improve ripple rejection. This bypass
capacitor prevents ripple from being amplified as the output voltage is increased. With a 10
μF bypass capacitor
86 dB ripple rejection is obtainable at any output level. Increases over 10
μF do not appreciably improve the
ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it is sometimes necessary to
include protection diodes to prevent the capacitor from discharging through internal low current paths and
damaging the device.
In general, the best type of capacitors to use is solid tantalum. Solid tantalum capacitors have low impedance
even at high frequencies. Depending upon capacitor construction, it takes about 25
μF in aluminum electrolytic to
equal 1
μF solid tantalum at high frequencies. Ceramic capacitors are also good at high frequencies, but some
types have a large decrease in capacitance at frequencies around 0.5 MHz. For this reason, 0.01
μF disc may
seem to work better than a 0.1
μF disc as a bypass.
Although the LM150 is stable with no output capacitors, like any feedback circuit, certain values of external
capacitance can cause excessive ringing. This occurs with values between 500 pF and 5000 pF. A 1
μF solid
tantalum (or 25
μF aluminum electrolytic) on the output swamps this effect and insures stability.
LOAD REGULATION
The LM150 is capable of providing extremely good load regulation but a few precautions are needed to obtain
maximum performance. The current set resistor connected between the adjustment terminal and the output
terminal (usually 240
Ω) should be tied directly to the output (case) of the regulator rather than near the load. This
eliminates line drops from appearing effectively in series with the reference and degrading regulation. For
example, a 15V regulator with 0.05
Ω resistance between the regulator and load will have a load regulation due to
line resistance of 0.05
Ω × IOUT. If the set resistor is connected near the load the effective line resistance will be
0.05
Ω (1 + R2/R1) or in this case, 11.5 times worse.
Figure 13 shows the effect of resistance between the regulator and 240
Ω set resistor.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM150QML


Similar Part No. - LM150GMD8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
STMicroelectronics
LM150 STMICROELECTRONICS-LM150 Datasheet
103Kb / 7P
   THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
March 1993
logo
Seme LAB
LM150 SEME-LAB-LM150 Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM150 SEMTECH_ELEC-LM150 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM150 TI-LM150 Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
More results

Similar Description - LM150GMD8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com