Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM148MW8 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM148MW8
Description  Quad 741 Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM148MW8 Datasheet(HTML) 1 Page - Texas Instruments

  LM148MW8 Datasheet HTML 1Page - Texas Instruments LM148MW8 Datasheet HTML 2Page - Texas Instruments LM148MW8 Datasheet HTML 3Page - Texas Instruments LM148MW8 Datasheet HTML 4Page - Texas Instruments LM148MW8 Datasheet HTML 5Page - Texas Instruments LM148MW8 Datasheet HTML 6Page - Texas Instruments LM148MW8 Datasheet HTML 7Page - Texas Instruments LM148MW8 Datasheet HTML 8Page - Texas Instruments LM148MW8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM148QML
www.ti.com
SNOSAH3A – FEBRUARY 2005 – REVISED MARCH 2013
LM148QML Quad 741 Op Amps
Check for Samples: LM148QML
1
FEATURES
DESCRIPTION
The LM148 is a true quad LM741. It consists of four
2
741 Op Amp Operating Characteristics
independent, high gain, internally compensated, low
Class AB Output Stage—No Crossover
power
operational
amplifiers
which
have
been
Distortion
designed
to
provide
functional
characteristics
Pin Compatible with the LM124
identical to those of the familiar LM741 operational
amplifier. In addition the total supply current for all
Overload Protection for Inputs and Outputs
four amplifiers is comparable to the supply current of
Low Supply Current Drain: 0.6 mA/Amplifier
a single LM741 type op amp. Other features include
Low Input Offset Voltage: 1 mV
input offset currents and input bias current which are
much less than those of a standard LM741. Also,
Low Input Offset Current: 4 nA
excellent isolation between amplifiers has been
Low Input Bias Current 30 nA
achieved by independently biasing each amplifier and
High Degree of Isolation between Amplifiers:
using layout techniques which minimize thermal
120 dB
coupling.
Gain Bandwidth Product (Unity Gain): 1.0 MHz
The LM148 can be used anywhere multiple LM741 or
LM1558 type amplifiers are being used and in
applications where amplifier matching or high packing
density is required.
Connection Diagram
Figure 1. Top View
See Package Number J0014A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM148MW8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM148 NSC-LM148 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
STMicroelectronics
LM148 STMICROELECTRONICS-LM148 Datasheet
139Kb / 9P
   FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
logo
Texas Instruments
LM148 TI-LM148 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM148 STMICROELECTRONICS-LM148 Datasheet
97Kb / 5P
   QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM148 TI1-LM148 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
More results

Similar Description - LM148MW8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
logo
Texas Instruments
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
   Quad 741 Op Amps
logo
Texas Instruments
LM348-N TI-LM348-N Datasheet
1Mb / 22P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
LM148-N TI1-LM148-N Datasheet
425Kb / 17P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
logo
National Semiconductor ...
LM148 NSC-LM148 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com