Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74276DW Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74276DW
Description  QUADRUPLE J-K FLIP-FLOPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74276DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74276DW Datasheet HTML 2Page - Texas Instruments SN74276DW Datasheet HTML 3Page - Texas Instruments SN74276DW Datasheet HTML 4Page - Texas Instruments SN74276DW Datasheet HTML 5Page - Texas Instruments SN74276DW Datasheet HTML 6Page - Texas Instruments SN74276DW Datasheet HTML 7Page - Texas Instruments SN74276DW Datasheet HTML 8Page - Texas Instruments SN74276DW Datasheet HTML 9Page - Texas Instruments SN74276DW Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
18X 1.27
20X 0.51
0.31
2X
11.43
TYP
0.33
0.10
0 - 8
0.3
0.1
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
13.0
12.6
B
7.6
7.4
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.43 mm per side.
5. Reference JEDEC registration MS-013.
1
20
0.25
C A B
11
10
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.200


Similar Part No. - SN74276DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74276 TI-SN74276 Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN74276N TI-SN74276N Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
More results

Similar Description - SN74276DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54276 TI-SN54276 Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN54376 TI1-SN54376_10 Datasheet
276Kb / 6P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN54376 TI-SN54376 Datasheet
111Kb / 3P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
logo
Aeroflex Circuit Techno...
UT54ACS109E AEROFLEX-UT54ACS109E Datasheet
146Kb / 10P
   Dual J-K Flip-Flops
logo
Hitachi Semiconductor
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
   Dual J-K Flip-Flops (with Preset)
logo
STMicroelectronics
HCC4095B STMICROELECTRONICS-HCC4095B Datasheet
295Kb / 13P
   GATE J-K MASTER-SLAVE FLIP-FLOPS
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS109 AEROFLEX-UT54ACS109 Datasheet
55Kb / 6P
   Radiation-Hardened Dual J-K Flip-Flops
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com