Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM1804RTHT Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCM1804RTHT
Description  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RTHT Datasheet(HTML) 4 Page - Texas Instruments

  CDCM1804RTHT Datasheet HTML 1Page - Texas Instruments CDCM1804RTHT Datasheet HTML 2Page - Texas Instruments CDCM1804RTHT Datasheet HTML 3Page - Texas Instruments CDCM1804RTHT Datasheet HTML 4Page - Texas Instruments CDCM1804RTHT Datasheet HTML 5Page - Texas Instruments CDCM1804RTHT Datasheet HTML 6Page - Texas Instruments CDCM1804RTHT Datasheet HTML 7Page - Texas Instruments CDCM1804RTHT Datasheet HTML 8Page - Texas Instruments CDCM1804RTHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
RS0 = 0 Ω
EN
CDCM1804
S1
S0
RS1 = 60 kΩ
REN = Open
Setting for Mode 13:
EN = 1
S2 = VDD/2
S1 = VDD/2
S0 = 0
RS2 = 60 kΩ
S2
S0084-01
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
Figure 1. Control Terminal Setting for Example
Table 1. Selection Mode Table
LVPECL(1)
LVCMOS
MODE
EN
S2
S1
S0
Y0
Y1
Y2
Y3
0
0
x
x
x
Off (high-z)
1
1
0
0
0
÷ 1
÷ 1
÷ 1
Off (high-z)
2
1
0
0
VDD/2
÷ 1
Off (high-z)
Off (high-z)
÷ 4
3
1
0
0
1
÷ 1
÷ 1
Off (high-z)
÷ 4
4
1
0
VDD/2
0
÷ 1
÷ 2
Off (high-z)
÷ 4
5
1
0
VDD/2
VDD/2
÷ 1
÷ 4
Off (high-z)
÷ 4
6
1
0
VDD/2
1
÷ 1
÷ 8
Off (high-z)
÷ 4
7
1
0
1
0
÷ 1
Off (high-z)
÷ 1
÷ 4
8
1
0
1
VDD/2
÷ 1
÷ 1
÷ 1
÷ 4
9
1
0
1
1
÷ 1
÷ 2
÷ 1
÷ 4
10
1
VDD/2
0
0
÷ 1
÷ 4
÷ 1
÷ 4
11
1
VDD/2
0
VDD/2
÷ 1
÷ 8
÷ 1
÷ 4
12
1
VDD/2
0
1
÷ 1
Off (high-z)
÷ 2
÷ 4
13
1
VDD/2
VDD/2
0
÷ 1
÷ 1
÷ 2
÷ 4
14
1
VDD/2
VDD/2
VDD/2
÷ 1
÷ 2
÷ 2
÷ 4
15
1
VDD/2
VDD/2
1
÷ 1
÷ 4
÷ 2
÷ 4
16
1
VDD/2
1
0
÷ 1
÷ 8
÷ 2
÷ 4
17
1
VDD/2
1
VDD/2
÷ 1
Off (high-z)
÷ 4
÷ 4
18
1
VDD/2
1
1
÷ 1
÷ 1
÷ 4
÷ 4
19
1
1
0
0
÷ 1
÷ 2
÷ 4
÷ 4
20
1
1
0
VDD/2
÷ 1
÷ 4
÷ 4
÷ 4
21
1
1
0
1
÷ 1
÷ 8
÷ 4
÷ 4
22
1
1
VDD/2
0
÷ 1
Off (high-z)
÷ 8
÷ 4
23
1
1
VDD/2
VDD/2
÷ 1
÷ 1
÷ 8
÷ 4
24
1
1
VDD/2
1
÷ 1
÷ 2
÷ 8
÷ 4
25
1
1
1
0
÷ 1
÷ 4
÷ 8
÷ 4
(1)
The LVPECL outputs are open-emitter stages. Thus, if you leave the unused LVPECL outputs Y0, Y1, or Y2 unconnected, then the
current consumption is minimized and noise impact to remaining outputs is neglectable. Also, each output can be individually disabled
by connecting the corresponding VDD input to GND.
4


Similar Part No. - CDCM1804RTHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM1804RGER TI1-CDCM1804RGER Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1804RGERG4 TI1-CDCM1804RGERG4 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1804RGET TI1-CDCM1804RGET Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1804RGETG4 TI1-CDCM1804RGETG4 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
More results

Similar Description - CDCM1804RTHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM1804 TI1-CDCM1804_17 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1802 TI-CDCM1802 Datasheet
695Kb / 22P
[Old version datasheet]   CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
CDCM1802 TI1-CDCM1802_15 Datasheet
1Mb / 30P
[Old version datasheet]   CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Motorola, Inc
MC100ES6226 MOTOROLA-MC100ES6226 Datasheet
282Kb / 12P
   2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com