Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54154W Datasheet(PDF) 10 Page - Texas Instruments

Part # SNJ54154W
Description  4-LINE TO 16-LINE DECODERS/MEMULTIPLEXERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54154W Datasheet(HTML) 10 Page - Texas Instruments

Back Button SNJ54154W Datasheet HTML 4Page - Texas Instruments SNJ54154W Datasheet HTML 5Page - Texas Instruments SNJ54154W Datasheet HTML 6Page - Texas Instruments SNJ54154W Datasheet HTML 7Page - Texas Instruments SNJ54154W Datasheet HTML 8Page - Texas Instruments SNJ54154W Datasheet HTML 9Page - Texas Instruments SNJ54154W Datasheet HTML 10Page - Texas Instruments SNJ54154W Datasheet HTML 11Page - Texas Instruments SNJ54154W Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MPDI008 – OCTOBER 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
N (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
24 PIN SHOWN
12
Seating Plane
0.560 (14,22)
0.520 (13,21)
13
0.610 (15,49)
0.590 (14,99)
52
48
40
0.125 (3,18) MIN
2.390
(60,71)
(62,23)
(53,09)
(51,82)
2.040
2.090
2.450
2.650
(67,31)
(65,79)
2.590
0.010 (0,25) NOM
4040053 / B 04/95
A
0.060 (1,52) TYP
1
24
32
28
24
1.230
(31,24)
(32,26)
(36,83)
(35,81)
1.410
1.450
1.270
PINS **
DIM
0.015 (0,38)
0.021 (0,53)
A MIN
A MAX
1.650
(41,91)
(40,89)
1.610
0.020 (0,51) MIN
0.200 (5,08) MAX
0.100 (2,54)
M
0.010 (0,25)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-011
D. Falls within JEDEC MS-015 (32 pin only)


Similar Part No. - SNJ54154W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54154J TI-SNJ54154J Datasheet
204Kb / 6P
[Old version datasheet]   4-LINE TO 16-LINE DECODERS/MEMULTIPLEXERS
More results

Similar Description - SNJ54154W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54154 TI-SN54154 Datasheet
204Kb / 6P
[Old version datasheet]   4-LINE TO 16-LINE DECODERS/MEMULTIPLEXERS
SN54159 TI-SN54159 Datasheet
181Kb / 5P
[Old version datasheet]   4-LINE TO 16-LINE DECODERS/MEMULTIPLEXERS WITH OPEN-COLLECTOR OUTPUTS
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
logo
Texas Instruments
CD74HCT4515E TI1-CD74HCT4515E Datasheet
249Kb / 10P
[Old version datasheet]   4-LINE TO 16-LINE DECODERS/DEMULTIPLEXERS
logo
Raytheon Company
LS43 RAYTHEON-LS43 Datasheet
191Kb / 3P
   4-LINE To 10-Line Decoders
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
Texas Instruments
SN54HC4514 TI-SN54HC4514 Datasheet
118Kb / 6P
[Old version datasheet]   4 LINE TO 16 LINE DECODERS / DEMULTIPLEXERS WITH ADDRESS LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com