Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT809JEXR-T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT809JEXR-T
Description  3-Pin Microprocessor Power Supply Supervisors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809JEXR-T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT809JEXR-T Datasheet HTML 1Page - Catalyst Semiconductor CAT809JEXR-T Datasheet HTML 2Page - Catalyst Semiconductor CAT809JEXR-T Datasheet HTML 3Page - Catalyst Semiconductor CAT809JEXR-T Datasheet HTML 4Page - Catalyst Semiconductor CAT809JEXR-T Datasheet HTML 5Page - Catalyst Semiconductor CAT809JEXR-T Datasheet HTML 6Page - Catalyst Semiconductor CAT809JEXR-T Datasheet HTML 7Page - Catalyst Semiconductor CAT809JEXR-T Datasheet HTML 8Page - Catalyst Semiconductor CAT809JEXR-T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
CAT809, CAT810
Patent Pending
Doc. No. 3004, Rev. S
ELECTRICAL CHARACTERISTICS
VCC = Full range, TA = -40˚C to +85˚C unless otherwise noted. Typical values at TA = +25˚C and VCC = 5 V for
L/M/J versions, VCC = 3.3 V for T/S versions, VCC = 3 V for R version and VCC = 2.5 V for Z version.
Parameter
Symbol
Conditions
Min
Typ(1)
Max
Units
Reset Threshold Tempco
30
ppm/˚C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH - 100 mV)
20
µs
Reset Active Timeout Period
TA = -40˚C to +85˚C
140
240
400
ms
VCC = VTH min, ISINK = 1.2 mA
CAT809R/S/T/Z
VCC = VTH min, ISINK = 3.2 mA
CAT809J/L/M
VCC > 1.0 V, ISINK = 50
µA
0.3
VCC = VTH max, ISOURCE = 500
µA
CAT809R/S/T/Z
VCC = VTH max, ISOURCE = 800
µA
CAT809J/L/M
VCC > VTH max, ISINK = 1.2 mA
CAT810R/S/T/Z
VCC > VTH max, ISINK = 3.2 mA
CAT810J/L/M
(continued)
Note 1: Production testing done at TA = +25˚C; limits over temperature guaranteed by design only.
Note 2:
RESET output for the CAT809; RESET output for the CAT810
VOL
0.4
V
V
VOH
RESET Output Voltage High
(Push-pull, active LOW,
CAT809)
VOL
RESET Output Voltage Low
(Push-pull, active HIGH,
CAT810)
V
VOH
1.8 V < VCC
≤ VTH min, ISOURCE = 150 µA
0.8 VCC
0.8 VCC
VCC - 1.5
V
RESET Output Voltage Low
(Push-pull, active LOW,
CAT809)
0.4
RESET Output Voltage High
(Push-pull active HIGH,
CAT810)
0.3
0.3


Similar Part No. - CAT809JEXR-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT809JSDI-GT10 CATALYST-CAT809JSDI-GT10 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
CAT809JSDI-GT3 CATALYST-CAT809JSDI-GT3 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809JSDI-GT3 ONSEMI-CAT809JSDI-GT3 Datasheet
583Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3004, Rev. AA
CAT809JSDI-GT3 ONSEMI-CAT809JSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809JSDI-GT3 ONSEMI-CAT809JSDI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT809JEXR-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com