Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD200DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD200DR
Description  MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD200DR Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD200DR Datasheet HTML 1Page - Texas Instruments SN65MLVD200DR Datasheet HTML 2Page - Texas Instruments SN65MLVD200DR Datasheet HTML 3Page - Texas Instruments SN65MLVD200DR Datasheet HTML 4Page - Texas Instruments SN65MLVD200DR Datasheet HTML 5Page - Texas Instruments SN65MLVD200DR Datasheet HTML 6Page - Texas Instruments SN65MLVD200DR Datasheet HTML 7Page - Texas Instruments SN65MLVD200DR Datasheet HTML 8Page - Texas Instruments SN65MLVD200DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SN65MLVD200, SN65MLVD202
SN65MLVD204, SN65MLVD205
MULTIPOINT–LVDS LINE DRIVERS AND RECEIVERS
SLLS463E – SEPTEMBER 2001 – REVISED JUNE 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
This series of SN65MLVD20x devices are low-voltage differential line drivers and receivers complying with the
proposed multipoint low-voltage differential signaling (M-LVDS) standard (TIA/EIA–899). These circuits are
similar to their TIA/EIA-644 standard compliant LVDS counterparts, with added features to address multipoint
applications. Driver output current has been increased to support doubly-terminated, 50-
Ω load multipoint
applications. Driver output slew rates are optimized for signaling rates up to 100 Mbps.
Types 1 and 2 receivers are available. Both types of receivers operate over a common-mode voltage range of
–1 V to 3.4 V to provide increased noise immunity in harsh electrical environments. Type-1 receivers have their
differential input voltage thresholds near zero volts (
±50 mV), and include 25 mV of hysteresis to prevent output
oscillations in the presence of noise. Type-2 receivers include an offset threshold to detect open-circuit, idle-bus,
and other fault conditions, and provide a known output state under these conditions.
The intended application of these devices is in half-duplex or multipoint baseband data transmission over
controlled impedance media of approximately 100-
Ω characteristic impedance. The transmission media may
be printed circuit board traces, backplanes, or cables. (Note: The ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of the media, the noise coupling to the environment, and other
application-specific characteristics).
These devices are characterized for operation from –40
°C to 85°C.
AVAILABLE OPTIONS
NOMINAL
SIGNALING RATE,
Mbps
FOOTPRINT
RECEIVER TYPE
PART NUMBER†
100
SN75176
Type 1
SN65MLVD200D
100
SN75ALS180
Type 1
SN65MLVD202D
100
SN75176
Type 2
SN65MLVD204D
100
SN75ALS180
Type 2
SN65MLVD205D
† The D package is available taped and reeled. Add the R suffix to the device type (e.g., SN65MLVD200DR)
Function Tables
INPUTS
OUTPUT
VID = VA – VB
L
H
– 50 mV < VID < 50 mV
L
?
VID ≤ – 50 mV
L
L
X
H
Z
TYPE-1 RECEIVER (200, 202)
VID ≥ 50 mV
Open Circuit
L
RE
?
R
TYPE-2 RECEIVER (204, 205)
H = high level, L = low level, Z = high impedance, X = Don’t care, ? = indeterminate
INPUT
OUTPUTS
L
H
OPEN
X
X
DRIVER
D
DE
A OR Y
H
H
H
OPEN
L
L
H
L
Z
Z
H
L
H
Z
Z
ENABLE
B OR Z
X
Open
Z
INPUTS
OUTPUT
VID = VA – VB
L
H
50 mV < VID < 150 mV
L
?
VID ≤ 50 mV
L
L
X
H
Z
VID ≥ 150 mV
Open Circuit
L
RE
L
R
X
Open
Z


Similar Part No. - SN65MLVD200DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200D TI-SN65MLVD200D Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65MLVD200DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
logo
Unisonic Technologies
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
   LINE DRIVERS/RECEIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com