Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVPE504 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVPE504
Description  Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE504 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVPE504 Datasheet HTML 1Page - Texas Instruments SN65LVPE504 Datasheet HTML 2Page - Texas Instruments SN65LVPE504 Datasheet HTML 3Page - Texas Instruments SN65LVPE504 Datasheet HTML 4Page - Texas Instruments SN65LVPE504 Datasheet HTML 5Page - Texas Instruments SN65LVPE504 Datasheet HTML 6Page - Texas Instruments SN65LVPE504 Datasheet HTML 7Page - Texas Instruments SN65LVPE504 Datasheet HTML 8Page - Texas Instruments SN65LVPE504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
EQ
TX
1-4+
TX
1-4-
RX
1-4+
RX
1-4-
Detect
VBB_TX
Receiver/
Equalizer
Driver
RST#
CHANNEL
1-4
DE
Receiver/
Equalizer
EN_RXD
E
Q
U
A
L
I
Z
E
R
LossofSignal
Detector
LowPower
Controller
PS2
OS
RX
PS1
OS
SQ_TH
TX
SN65LVPE504
www.ti.com
SLLSE46 – SEPTEMBER 2010
Quad Channel (Half X4 Lane) PCIe Redriver/Equalizer
Check for Samples: SN65LVPE504
1
FEATURES
DESCRIPTION
4 Identical Channel PCIe Equalizer/Redriver
Support for Both PCIe Gen I (2.5Gbps) and
The SN65LVPE504 is a quad channel, half four lane
PCIe redriver and signal conditioner supporting data
Gen II (5.0 Gbps) Speed
rates of up to 5.0Gbps. The device complies with
Selectable Equalization, De-emphasis, and
PCIe spec revision 2.1, supporting electrical idle and
Output Swing
power management modes.
Per Channel Receive Detect (Lane Detection)
Programmable EQ, De-Emphasis and Amplitude
Selectable Receiver Electrical Idle Threshold
Swing
Control
The SN65LVPE504 is designed to minimize the
Low Operating Power Modes
signal degradation effects such as crosstalk and
Supports Three Low-Power Modes to
inter-symbol interference (ISI) that limits interconnect
Enable up to 80% Lower Operating Power
distance between two devices. The input stage of
each channel offers selectable equalization settings
Excellent Jitter and Loss Compensation
that can be programmed to match loss in the
Capability to 50" of 4-mil SL on FR4
channel. The differential outputs provide selectable
Small Foot Print – 42 Pin 9 × 3.5 TQFN
de-emphasis to compensate for the anticipated
Package
distortion
PCIe
signal
will
experience.
Both
High Protection Against ESD Transient
equalization
and
de-emphasis
levels
for
all
4
channels are controlled by the setting of signal
HBM: 6,000 V
control pins EQ, DE and OS.
CDM: 1,000 V
See Table 1 for EQ, DE and OS setting details.
MM: 200 V
spacer
APPLICATIONS
PC MB, Docking Station, Server,
Communication Platform, Backplane and
Cabled Application
Figure 1. Data Flow Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVPE504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE504 TI-SN65LVPE504 Datasheet
2Mb / 16P
[Old version datasheet]   Quad Channel (Half x4 Lane) PCI Express Gen II Redriver/Equalizer
More results

Similar Description - SN65LVPE504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE504 TI-SN65LVPE504 Datasheet
2Mb / 16P
[Old version datasheet]   Quad Channel (Half x4 Lane) PCI Express Gen II Redriver/Equalizer
logo
Maxim Integrated Produc...
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
   Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
logo
Texas Instruments
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
logo
Pericom Semiconductor C...
PI3EQX5801 PERICOM-PI3EQX5801 Datasheet
749Kb / 1P
   5.0Gbps, 1-Lane, PCIe 2.0 ReDriver
PI2EQX862 PERICOM-PI2EQX862 Datasheet
788Kb / 1P
   PCIe 3.0/SATA3.0, 1-Lane, Combo ReDriver
logo
Maxim Integrated Produc...
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com