Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT41QPWREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT41QPWREP
Description  Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT41QPWREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDT41QPWREP Datasheet HTML 5Page - Texas Instruments SN65LVDT41QPWREP Datasheet HTML 6Page - Texas Instruments SN65LVDT41QPWREP Datasheet HTML 7Page - Texas Instruments SN65LVDT41QPWREP Datasheet HTML 8Page - Texas Instruments SN65LVDT41QPWREP Datasheet HTML 9Page - Texas Instruments SN65LVDT41QPWREP Datasheet HTML 10Page - Texas Instruments SN65LVDT41QPWREP Datasheet HTML 11Page - Texas Instruments SN65LVDT41QPWREP Datasheet HTML 12Page - Texas Instruments SN65LVDT41QPWREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1D
GND
2D
VCC
3D
GND
4D
VCC
5R
GND
1Y
1Z
2Y
2Z
3Y
3Z
4Y
4Z
5A
5B
SN65LVDT41 (Marked as LVDT41)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1B
2A
2B
3A
3B
4A
4B
5Y
5Z
1R
GND
2R
VCC
3R
GND
4R
VCC
5D
GND
SN65LVDT14 (Marked as LVDT14)
FUNCTION TABLES
SN65LVDT14-EP, SN65LVDT41-EP
SCES633 – JUNE 2005
RECEIVER(1)
INPUTS
OUTPUT
R
VID = VA – VB
VID ≥ 100 mV
H
–100 mV < VID < 100 mV
?
VID ≤ – 100 mV
L
Open
H
(1)
H = high level, L = low level,
? = indeterminate
DRIVER(1)
OUTPUTS
INPUT
D
Y
Z
H
H
L
L
L
H
Open
L
H
(1)
H = high level, L = low level
9


Similar Part No. - SN65LVDT41QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT41 TI-SN65LVDT41 Datasheet
129Kb / 14P
[Old version datasheet]   MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41 TI-SN65LVDT41 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41PW TI-SN65LVDT41PW Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41PWG4 TI-SN65LVDT41PWG4 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT41PWR TI-SN65LVDT41PWR Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
More results

Similar Description - SN65LVDT41QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT14 TI-SN65LVDT14_07 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
SN65LVDT14 TI-SN65LVDT14 Datasheet
129Kb / 14P
[Old version datasheet]   MEMORY STICK INTERCONNECT EXTENDER CHIPSET WITH LVDS
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
   Memory Stick Duo / Memory Stick (2-in-1)
logo
Mitsumi Electronics, Co...
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
   Memory Stick??Connectors
logo
Hirose Electric
CB1G-10S-1.5H-PEJC2 HIROSE-CB1G-10S-1.5H-PEJC2 Datasheet
815Kb / 10P
   Memory Stick Connectors
logo
Mitsumi Electronics, Co...
CIM-G24 MITSUMI-CIM-G24 Datasheet
86Kb / 2P
   Memory Stick??Duo Connectors
logo
ALPS ELECTRIC CO.,LTD.
SCNA ALPS-SCNA Datasheet
254Kb / 3P
   Connector for Memory Stick Micro?
logo
Adam Technologies, Inc.
MS-10-A-SG ADAM-TECH-MS-10-A-SG Datasheet
124Kb / 1P
   MEMORY STICK & SMART MEDIA SOCKETS
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
   USB memory stick - USB FLASH DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com