Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS1050 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS1050
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS1050 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS1050 Datasheet HTML 1Page - Texas Instruments SN65LVDS1050 Datasheet HTML 2Page - Texas Instruments SN65LVDS1050 Datasheet HTML 3Page - Texas Instruments SN65LVDS1050 Datasheet HTML 4Page - Texas Instruments SN65LVDS1050 Datasheet HTML 5Page - Texas Instruments SN65LVDS1050 Datasheet HTML 6Page - Texas Instruments SN65LVDS1050 Datasheet HTML 7Page - Texas Instruments SN65LVDS1050 Datasheet HTML 8Page - Texas Instruments SN65LVDS1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
SN65LVDS1050PW
(Marked as DL1050 or LDS1050)
(TOP VIEW)
2D
1D
1Y
1Z
2Y
2Z
DE
9
15
12
14
13
10
11
2R
1R
1A
1B
2A
2B
RE
5
3
4
2
1
6
7
DRIVER FUNCTION TABLE
RECEIVER FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS
OUTPUT
D
X
DE
Y
X
VID = VA - VB
VID ≥ 100 mV
-100 mV < VID < 100 mV
VID ≤ -100 mV
Open
RE
R
L
Open
Z
L
L
L
H
H
?
L
H
Z
Z
L
L
H
H
H
H
L
H
Z
L
H
H
L
H = high level, L = low level, Z = high impedance,
X = don’t care
H = high level, L = low level, Z = high impedance,
X = don’t care
SN65LVDS1050
SLLS343B – APRIL 1999 – REVISED APRIL 2003
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
FEATURES
Typically
Meets
or
Exceeds
ANSI
TIA/EIA-644-1995 Standard
Operates From a Single 2.4-V to 3.6-V Supply
Signaling Rates up to 400 Mbit/s
Bus-Terminal ESD Exceeds 12 kV
Low-Voltage Differential Signaling With Typi-
cal Output Voltages of 285 mV and a 100-
Load
Propagation Delay Times
• Driver: 1.7-ns Typical
Receiver: 3.7-ns Typical
Driver: 25-mW Typical
Receiver: 60-mW Typical
Power Dissipation at 200 MHz
• Driver: 25-mW Typical
Receiver: 60-mW Typical
LVTTL Input Levels Are 5-V Tolerant
Receiver Maintains High Input Impedance
Receiver Has Open-Circuit Fail Safe
Available in Thin Shink Outline Packaging
With 20-mil Lead Pitch
DESCRIPTION
The SN65LVDS1050 is similar to the SN65LVDS050
except that it is characterized for operation with a lower
supply voltage range and packaged in the thin shrink
outline package for portable battery-powered appli-
cations.
The differential line drivers and receivers use low-voltage differential signaling (LVDS) to achieve signaling rates as
high as 400 Mbps. The drivers provide a minimum differential output voltage magnitude of 247 mV into a 100-
Ω load
and receipt of 100-mV signals with up to 1 V of ground potential difference between a transmitter and receiver.
The intended application of this device and signaling technique is for point-to-point baseband data transmission
over controlled impedance media of approximately 100-
Ω characteristic impedance. The transmission media may
be printed-circuit board traces, backplanes, or cables. Note: The ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of the media, the noise coupling to the environment and other
application-specific characteristics.
The SN65LVDS1050 is characterized for operation from -40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999 – 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - SN65LVDS1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050 TI1-SN65LVDS1050 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PW TI-SN65LVDS1050PW Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com