Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3253DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT3253DB
Description  Dual 1-of-4 FET multiplexer/demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3253DB Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT3253DB Datasheet HTML 1Page - NXP Semiconductors CBT3253DB Datasheet HTML 2Page - NXP Semiconductors CBT3253DB Datasheet HTML 3Page - NXP Semiconductors CBT3253DB Datasheet HTML 4Page - NXP Semiconductors CBT3253DB Datasheet HTML 5Page - NXP Semiconductors CBT3253DB Datasheet HTML 6Page - NXP Semiconductors CBT3253DB Datasheet HTML 7Page - NXP Semiconductors CBT3253DB Datasheet HTML 8Page - NXP Semiconductors CBT3253DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
CBT3253
Dual 1-of-4 FET multiplexer/demultiplexer
2
2002 Nov 04
FEATURES
5 Ω switch connection between two ports
TTL-compatible input levels
Minimal propagation delay through the switch
ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
DESCRIPTION
The CBT3253 is a dual 1-of-4 high-speed TTL-compatible FET
multiplexer/demultiplexer. The low on resistance of the switch allows
inputs to be connected to outputs without adding propagation delay
or generating additional ground bounce noise.
1OE, 2OE, S0, and S1 select the appropriate B output for the
A-input data.
The CBT3251 is characterized for operation from –40 to +85
°C.
PIN CONFIGURATION
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
1B4
1B3
1B2
1B1
1A
1OE
GND
VCC
S0
SA00574
S1
2OE
2B4
2B3
2B2
2B1
2A
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
1OE
Output enable
2
S1
Select-control input
3, 4, 5, 6
1B[1–4]
B outputs
7
1A
A input
8
GND
Ground (0 V)
9
2A
A input
10, 11, 12, 13
2B[1–4]
Select-control input
14
S0
Select-control input
15
2OE
Output enable
16
VCC
Positive supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DWG NUMBER
16-pin plastic SO
–40 to 85
°C
CBT3253D
CBT3253D
SOT109-1
16-pin plastic SSOP
–40 to 85
°C
CBT3253DB
CT3253
SOT338-1
16-pin plastic SSOP (QSOP)
–40 to 85
°C
CBT3253DS
CBT3253
SOT519-1
16-pin plastic TSSOP
–40 to 85
°C
CBT3253PW
CBT3253
SOT403-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.


Similar Part No. - CBT3253DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3253D NEXPERIA-CBT3253D Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
More results

Similar Description - CBT3253DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com